Electronic Components Datasheet Search
  English  ▼

X  

PE44901 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44901
Description  TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44901 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44901 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44901 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44901 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316/u, RG174A/U, LMR-100 IP 67 Rated from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316/u, RG174A/U,
LMR-100 IP 67 Rated PE44901
URL: http://www.pasternack.com/tnc-female-standard-rg316-u-rg174a-u-lmr-100-connector-pe44901-p.aspx
TNC Female Connector Clamp/Solder Attachment 4 Hole
Flange Mount for RG316/u, RG174A/U, LMR-100 IP 67 Rated
PE44901
PE44901 REV 1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com