Electronic Components Datasheet Search
  English  ▼

X  

PE44901 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44901
Description  TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44901 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44901 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44901 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44901 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG316/u, RG174A/U, LMR-100
Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range
DC to 2 GHz
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width/Dia.
0.69 in [17.53 mm]
.
Connector
Type
TNC Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: TNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316/u,
RG174A/U, LMR-100 IP 67 Rated PE44901
PE44901
PE44901 REV 1.0
TNC Female Connector Clamp/Solder Attachment 4 Hole
Flange Mount for RG316/u, RG174A/U, LMR-100 IP 67 Rated


Similar Part No. - PE44901

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
317Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
More results

Similar Description - PE44901

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44886 PASTERNACK-PE44886 Datasheet
395Kb / 2P
Standard BNC Female Bulkhead Mount Connector Clamp - Solder Attachment for RG316-DS, RG188-DS IP 67 Rated
PE44887 PASTERNACK-PE44887 Datasheet
385Kb / 3P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange Mount for RG316, RG188, RG174 IP 67 Rated
PE44894 PASTERNACK-PE44894 Datasheet
389Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Edge Mount PCB IP 67 Rated
PE44898 PASTERNACK-PE44898 Datasheet
405Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG405 - U, PE-SR405FL, PE-SR405FLJ IP 67 Rated
PE44899 PASTERNACK-PE44899 Datasheet
427Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316/U, RG174A - U, RG188 IP 67 Rated
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE45133 PASTERNACK-PE45133 Datasheet
351Kb / 3P
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com