Electronic Components Datasheet Search
  English  ▼

X  

S7010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S7010
Description  Mainstream dual-socket server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S7010 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
S7010
S7010AGM2NRF
(Specifications are subject to change without notice. Items pictured may only be
representative.)
Block Diagram
ESI
Fireware 1394
PCI 32
ICH10R
6.4GT/s
6.4GT/s
6.4GT/s
CPU0
QPI
VRD 11.1
for CPU 0
VRD 11.1
for CPU 1
Intel Xeon
Quad-Core
5520 Series
Intel Xeon
Quad-Core
5520 Series
QPI
QPI
CHA
CHB
CHC
CHD
CHF
CHE
CPU1
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMOR
Y*2
DDR3 MEMOR
Y*2
DDR3 MEMOR
Y*2
5520
IOH
PCI-E Gen.2 x8 (x8)
PCI-E Gen.2 x8 (x8)
SIO
W83627DHG
FWH
PCI-E Gen.2 x16 (x16)
USB2.0 port *4
USB2.0 header *2
(Front Panel)
(Rear I/O)
(onboard)
USB2.0 Type A *1
D-sub VGA
82574
82574
RJ45
RJ45
GLCI
AST2050
BMC
PCI-E x8 (x4)
ALC262
Serial header *1
DB-9 serial port *1
HWM W83793G
SATA *6
GLCI
Onboard Aspeed AST2050
IPMI 2.0 compliant baseboard management
controller (BMC)
Supports storage over IP and remote
platform-flash
BIOS update
USB 2.0 virtual hub
24-bit high quality video compression
Dual 10/100 Mb/s MAC interfaces
AMI / 4MB
Plug and Play (PnP) / PCI2.3
WfM2.0 / SMBIOS2.3 / PXE boot
ACPI 2.0 power management
Power on mode after power recovery
User-configurable H/W monitoring
Auto-configurable of hard disk types
Multiple boot options
SSI EEB
12"x13" (305x330mm)
Operation
System
Please refer to our OS supported list.
Class B
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
RoHS 6/6 Complaint
OS supported list
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
AST2050 IPMI Feature
Regulation
FCC (DoC)
CE (DoC)
Server
Management
Brand / ROM size
Form Factor
Form Factor
Board Dimension
Feature
BIOS
Onboard Chipset
AST2050 iKVM Feature
Intel® Xeon® Processor 5500/ 5600 Series
LGA1366 / (2)
130W
Up to 4.8/ 5.86/ 6.4GT/s with Intel®
QuickPath Interconnect (QPI) support
Intel® 5520 / ICH10R
Winbond W83627
(12) DIMM sockets
DDR3 800/1066/1333 RDIMM/UDIMM
Up to 96GB at launch w/ dual rank RDIMMs
6 Channels (3 Channels per CPU)
1.5V
(1) PCI-E Gen.2 x16 slot
(2) PCI-E Gen.2 x8 slots
(1) PCI-E x4 slot
(1) PCI 32-bit slot
M2083-RS, PCI-E x16 1U riser card (left)
M2061, PCI-E x8 to PCI-X 1U riser card (left)
(2)
Intel® 82574L
Connector
(6) SATA
Controller
ICH10R
Speed
3.0 Gb/s
RAID
RAID 0/1/10/5 (Intel® Matrix RAID)
D-Sub 15-pin
1600x1200@60Hz
Aspeed AST2050
Realtek ALC262
HDA 2.0 spec. complaint
(2)
VIA VT6308
Infineon SLB9635
TPM v1.2
(9) USB2.0 ports (4 at rear, 4 via cable, 1
type A onboard)
(2) ports (1 at rear, 1 via cable)
(1) D-Sub 15-pin VGA port
(1) CD_IN header
(1) 2x5-pin front panel audio header
(1) 2x6-pin rear audio jack header
(2) GbE ports
(2) 2x5-pin headers
SSI 24-pin + 8-pin + 8-pin power connectors
/ EPS12V
(1) 2x12-pin SSI front panel header
(6) SATA-II connectors
Winbond W83793G
Monitors voltage for CPU, memory, chipset &
power supply
Total (5) 4-pin headers
Total (5) 8-pin headers
Monitors temperature for CPU & system
environment
Processor
Supported CPU Series
Socket Type / Q'ty
Thermal Design Power
(TDP) wattage
System Bus (MHz)
Chipset
IOH / ICH
Super I/O
Memory
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
Memory voltage
Graphic
Connector type
Resolution
Chipset
Power
Front Panel
SATA
SATA
LAN
Port Q'ty
Controller
System
Monitoring
USB
VGA
RJ-45
Audio
Chipset
Voltage
Fan
Temperature
PCI-E
Input /Output
PCI
Recommended TYAN®
Riser Card
Expansion Slots
Chipset
TPM
Version
Storage
COM
Firewire
Audio
Chipset
Feature
Firewire
Port Q'ty
Chipset
Fan fail LED indicator (presented by system
front panel)
Over temperature warning indicator
Chassis intrusion detection
Watchdog timer support
Others
LED
System
Monitoring



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com