Electronic Components Datasheet Search
  English  ▼

X  

S7010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7010
Description  Mainstream dual-socket server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7010 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® 5520 Chipset
Mainstream dual-socket
server/ workstation
platform with iKVM support
S7010
S7010AGM2NRF
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER /
WORKSTATION
PLATFORM
 Dual LGA1366 sockets support up to (2) Intel® Xeon® Processor
5500/ 5600 Series
 Support QPI 6.4/ 5.86/ 4.8 GT/s
 Intel® 5520 IOH
 Intel® ICH10R South Bridge
 (12) 240-pin DDR3 DIMM slots support up to 96GB R-DDR3
1333/1066/800MHz w/ ECC memory
 (1) PCI-E Gen.2 x16 slot
 (2) PCI-E Gen.2 x8 slots
 (1) PCI-E x4 slot
 (1) PCI 32/33MHz slot
 (6) SATA-II connectors w/ RAID 0, 1, 10, 5 support
 Onboard Audio and Firewire
 (2) GbE LAN
 TPM 1.2 (Trusted Platform Module) support
 Onboard BMC w/ iKVM support
 SSI EEB (12" x 13") form factor


Similar Part No. - S7010

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7010 HAMAMATSU-S7010 Datasheet
332Kb / 10P
CCD area image sensor
S7010-0906 HAMAMATSU-S7010-0906 Datasheet
332Kb / 10P
CCD area image sensor
S7010-0907 HAMAMATSU-S7010-0907 Datasheet
332Kb / 10P
CCD area image sensor
S7010-0908 HAMAMATSU-S7010-0908 Datasheet
332Kb / 10P
CCD area image sensor
S7010-1006 HAMAMATSU-S7010-1006 Datasheet
332Kb / 10P
CCD area image sensor
More results

Similar Description - S7010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7002 ETC2-S7002 Datasheet
1Mb / 2P
Entry dual-socket server
S7017 ETC2-S7017 Datasheet
1Mb / 2P
Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
Dual-socket HPC server platform
S7020 ETC2-S7020 Datasheet
1Mb / 2P
Dual-socket server,workstation platform
S7025 ETC2-S7025 Datasheet
1,023Kb / 2P
Dual-socket server/ workstation platform
S7042 ETC2-S7042 Datasheet
858Kb / 2P
Dual-socket server platform
S7056 ETC2-S7056 Datasheet
819Kb / 2P
Dual-socket SMP server implmentation
S7063 ETC2-S7063 Datasheet
774Kb / 2P
Dual-socket SMP server implmentation
S7070 ETC2-S7070 Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
S8230 ETC2-S8230 Datasheet
683Kb / 2P
Mainstream dual-socket server platform for enterprise applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com