Electronic Components Datasheet Search
  English  ▼

X  

CM6310 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CM6310
Description  EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM6310 Datasheet(HTML) 2 Page - ON Semiconductor

  CM6310 Datasheet HTML 1Page - ON Semiconductor CM6310 Datasheet HTML 2Page - ON Semiconductor CM6310 Datasheet HTML 3Page - ON Semiconductor CM6310 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CM6310
http://onsemi.com
2
PACKAGE / PINOUT DIAGRAMS
Bottom View
(Bumps Up View)
Top View
(Bumps Down View)
A
B
C
D
E
54
3
2
1
CM6310
A
B
C
D
E
12
34
5
+
Orientation
Marking
A1 Corner
Indicator
Table 1. PIN DESCRIPTIONS
Pin
Description
Pin
Description
B1
Channel 1 Input
D1
Channel 1 Output
C1
Channel 2 Input
E1
Channel 2 Output
A2
Channel 3 Input
D2
Channel 3 Output
C2
Channel 4 Input
E2
Channel 4 Output
B2
Channel 5 Input
D3
Channel 5 Output
C3
Channel 6 Input
E3
Channel 6 Output
A5
Channel 7 Input
D4
Channel 7 Output
C4
Channel 8 Input
E4
Channel 8 Output
B5
Channel 9 Input
D5
Channel 9 Output
C5
Channel 10 Input
E5
Channel 10 Output
A3
GND
B3
GND
A4
GND
B4
GND
ELECTRICAL SPECIFICATIONS AND CONDITIONS
Table 2. PARAMETERS AND OPERATING CONDITIONS
Parameter
Rating
Units
Storage Temperature Range
–55 to +150
°C
Operating Temperature Range
–40 to +85
°C
Table 3. ELECTRICAL OPERATING CHARACTERISTICS (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RI/O
Resistance
900
1000
1100
W
C
Capacitance per line
At 1 MHz, VIN = 0 V
80
100
120
pF
VBR
Breakdown voltage (Reverse)
IR = 1 mA
6
8
10
V
ILEAK
Leakage current at stand off voltage VRM
VRM = 3 V per line
500
nA
VESD
ESD Protection Peak Discharge Voltage
a) Contact Discharge per IEC 61000−4−2
standard
b) Air Discharge per IEC 61000−4−2 standard
(Note 2)
±15
±15
kV
1. All parameters specified at TA = 25°C unless otherwise noted.
2. Standard IEC 61000−4−2 with CDischarge = 150 pF, RDischarge = 330 W.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com