Electronic Components Datasheet Search
  English  ▼

X  

CM6310 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CM6310
Description  EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM6310 Datasheet(HTML) 3 Page - ON Semiconductor

  CM6310 Datasheet HTML 1Page - ON Semiconductor CM6310 Datasheet HTML 2Page - ON Semiconductor CM6310 Datasheet HTML 3Page - ON Semiconductor CM6310 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CM6310
http://onsemi.com
3
RF CHARACTERISTICS
TA = 255C, DC bias = 0 V, 50 W Environment Using Evaluation PCB
Figure 1. Typical Filter Frequency Response
MECHANICAL SPECIFICATION
Table 4. VERTICAL STRUCTURE DIMENSIONS (nominal)
Ref.
Parameter
Material
Dimension
a
Die Thickness
Silicon
406 mm
b
Bump Standoff
240 mm
d
UBM−(Ti/Cu)
Plated Cu
5.0 mm
Sputtered Cu
0.4 mm
Sputtered Ti
0.1 mm
e
UBM Wetting Area
Diameter
280 mm
f
Solder Bump Diameter
after Bump Reflow
320 mm
c
Metal Pad
AlSiCu
1.5 mm
g
Metal Pad Diameter
324 mm
D2
0.406 mm
D1
Finished Thickness
0.650 mm
Vertical Structure Specification*
Figure 2. Sectional View
* Daisy Chain CM6010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com