Electronic Components Datasheet Search
  English  ▼

X  

LX1562IM Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1562IM
Description  SECOND-GENERATION POWER FACTOR CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1562IM Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1562IM Datasheet HTML 2Page - Microsemi Corporation LX1562IM Datasheet HTML 3Page - Microsemi Corporation LX1562IM Datasheet HTML 4Page - Microsemi Corporation LX1562IM Datasheet HTML 5Page - Microsemi Corporation LX1562IM Datasheet HTML 6Page - Microsemi Corporation LX1562IM Datasheet HTML 7Page - Microsemi Corporation LX1562IM Datasheet HTML 8Page - Microsemi Corporation LX1562IM Datasheet HTML 9Page - Microsemi Corporation LX1562IM Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SECOND-GENERATION POWER FACTOR C ONTROLLER
LX1562/1563
PRODUCT DA T ABOOK 1996/1997
Copyright © 1996
Rev. 1.3
12/96
6
P RODUCTION D ATA
S HEET
GRAPH / CURVE INDEX
Characteristic Curves
FIGURE #
1.
E.A. OUTPUT VOLTAGE vs. C.S. THRESHOLD
2.
MULTIPLIER INPUT VOLTAGE vs. C.S. THRESHOLD
3.
MULTIPLIER GAIN (V
M1=1V, VEA0 =3.5V) vs. TEMPERATURE
4.
REFERENCE VOLTAGE (Including Offset) vs. TEMPERATURE
5.
E.A. INPUT BIAS CURRENT vs. TEMPERATURE
6.
E.A. SINK CURRENT @2V vs. TEMPERATURE
7.
START-UP SUPPLY CURRENT vs. TEMPERATURE (LX1563)
8.
START-UP SUPPLY CURRENT vs. TEMPERATURE (LX1562)
9.
START-UP THRESHOLD vs. TEMPERATURE (LX1562)
10. START-UP THRESHOLD vs. TEMPERATURE (LX1563)
11. UV LOCKOUT HYSTERESIS vs. TEMPERATURE (LX1562)
12. UV LOCKOUT HYSTERESIS vs. TEMPERATURE (LX1563)
13. I
DET THRESHOLD HIGH vs. TEMPERATURE
14. I
DET
INPUT HYSTERESIS vs. TEMPERATURE
15. RUN-AWAY COMPARATOR THRESHOLD vs. TEMPERATURE
16. C.S. DELAY TO OUTPUT vs. TEMPERATURE
17. C.S. BLANKING TIME vs. TEMPERATURE
18. RESTART TIME vs. TEMPERATURE
19. FALL TIME vs. TEMPERATURE
20. RISE TIME vs. TEMPERATURE
21. SUPPLY CURRENT vs. SUPPLY VOLTAGE (LX1562)
22. SUPPLY CURRENT vs. SUPPLY VOLTAGE (LX1563)
22a. MAXIMUM MULTIPLIER OUTPUT VOLTAGE vs. TEMPERATURE
FIGURE INDEX
IC Description
FIGURE #
23. INDUCT CURRENT
24. TYPICAL APPLICATION OF START-UP CIRCUITRY
25. START-UP CAPACITOR VOLTAGE
26. VOLTAGE REFERENCE vs. TEMPERATURE
27. THE AMPLIFIER CONFIGURED AS AN INTEGRATOR FOR LOOP
COMPENSATION
28. MULTIPLIER SECTION
29. CURRENT SENSE SECTION
30. START-UP TIMER
Application Information
FIGURE #
31. TYPICAL APPLICATION OF THE LX1562 IN AN 80W FLUORESCENT
LAMP BALLAST WITH ACTIVE POWER FACTOR CONTROL
32. NORMALIZED OPERATING FREQUENCY vs. OFF-TIME DUTY CYCLE
33. INDUCT CURRENT
34. LOAD TRANSIENT RESPONSE CIRCUIT
35. FLYBACK VOLTAGE ACROSS I
DET WINDING
Typical Applications
FIGURE #
36. TYPICAL APPLICATION OF THE LX1562 IN AN 80W FLUORESCENT
LAMP BALLAST WITH ACTIVE POWER FACTOR CONTROL - 120V
37. TYPICAL APPLICATION OF THE LX1562 IN AN 80W FLUORESCENT
LAMP BALLAST WITH ACTIVE POWER FACTOR CONTROL - 220V
38. TYPICAL APPLICATION OF THE LX1562 IN AN 80W FLUORESCENT
LAMP BALLAST WITH ACTIVE POWER FACTOR CONTROL - 277V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com