Electronic Components Datasheet Search
  English  ▼

X  

LX1562IM Datasheet(PDF) 21 Page - Microsemi Corporation

Part # LX1562IM
Description  SECOND-GENERATION POWER FACTOR CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1562IM Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button LX1562IM Datasheet HTML 17Page - Microsemi Corporation LX1562IM Datasheet HTML 18Page - Microsemi Corporation LX1562IM Datasheet HTML 19Page - Microsemi Corporation LX1562IM Datasheet HTML 20Page - Microsemi Corporation LX1562IM Datasheet HTML 21Page - Microsemi Corporation LX1562IM Datasheet HTML 22Page - Microsemi Corporation LX1562IM Datasheet HTML 23Page - Microsemi Corporation LX1562IM Datasheet HTML 24Page - Microsemi Corporation LX1562IM Datasheet HTML 25Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SECOND-GENERATION POWER FACTOR C ONTROLLER
LX1562/1563
PRODUCT DA T ABOOK 1996/1997
21
Copyright © 1996
Rev. 1.3
12/96
P RODUCTION
D ATA
S HEET
APPLICATION INFORMA TION
POWER MOSFET SELECTION
The voltage rating of MOSFET and rectifier must be higher than
the maximum value of the output voltage.
V
DS ≥ 1.2 VO MAX
V
DS ≥ 282V
The RMS current can be approximated by multiplying the RMS
current at the peak of the line by 0.7.
I
RMS = 0.7 ILP √D/3
D
≡ On-time duty cycle
D = 0.39 at V
AC = 100V
I
LP = 2.4A
I
RMS = (0.7)(2.4)( √.39/3) = 0.61A
R
DS ≤
P
DC ≡ allowable power
I
RMS/triangle = ILP √D/3
dissipation.
R
DS ≤
= 1.6
Ω
IRF730 with R
DS = 1Ω
Ω
Ω
Ω
Ω and V
DS = 400V meets the above
requirements.
P
DC
I
RMS
2
1
0.61
I
LP
D
INPUT RECTIFIER AND CAPACITOR SELECTION
The current through each diode is a half-wave rectified sine wave.
The maximum current happens at minimum line with a peak
value of 1.2A.
I
AVE =
=
= 0.38A
choose 1N4004 with 1A rating.
P
DISS = (IAVE) (VF) = 0.38 x 0.9 = 0.344W
T
J = TA + PD x θJA
assuming
θ
JA = 65°C/W for 1/8"
lead length.
T
J = 80 + (.344)(65) = 102°C
I
PEAK
π
1.2
π
Assuming
ϕ is the percentage of allowable input current ripple,
C1 can be calculated using the following equations:
R
EFF =
C1
≥
f
SW
≡ Switching frequency
of inductor current
at peak input voltage.
if
ϕ = 3%
R
EFF =
= 117
Ω
C1
≥
= 0.9µF
choose 1µF, 250V capacitor.
2 P
O
η I
P
2
1
ϕ 2π R
EFF fSW
2 x 80
(.95)(1.2)2
1
(.03)(2
π)(117)(50000)
OUTPUT CAPACITOR SELECTION
There are mainly two criteria for selecting the output capacitor:
A large enough capacitance to maintain a low ripple voltage, and
a low ESR value in order to prevent high power dissipation due
to RMS currents.
The output capacitance can be approximated from the following
equation:
C6
≥
where: I
DC
≡ DC output current
DV
≡ Output ripple
I
DC =
= 0.348A
assuming 5% peak to peak ripple,
C6
≥
= 81µF
choose C6 = 100µF.
I
DC
2
π f
LINE ∆V
80
230
0.348
2
π (60) (11.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com