Electronic Components Datasheet Search
  English  ▼

X  

LX1670CD Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1670CD
Description  5 - BIT PROGRAMMABLE VOTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1670CD Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1670CD Datasheet HTML 1Page - Microsemi Corporation LX1670CD Datasheet HTML 2Page - Microsemi Corporation LX1670CD Datasheet HTML 3Page - Microsemi Corporation LX1670CD Datasheet HTML 4Page - Microsemi Corporation LX1670CD Datasheet HTML 5Page - Microsemi Corporation LX1670CD Datasheet HTML 6Page - Microsemi Corporation LX1670CD Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-B IT P ROGRAMMABLE V O L TAGE R EFERENCE
LX1670
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 1.0
7/97
P RODUCTION D AT A S HEET
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for LX1670C with 0°C
≤ T
A ≤ 70°C ;
10.8V < V
CC < 13.2V, D0-D3 = Open, D4 = Open, ENABLE = 1, BLKEN = 1.
Nominal conditions: V
CC = 12.0V, T = 25°C.
Currents flowing into chip are
positive. Current maximums are currents with the highest possible value.)
Power Supply Current and Power Section
Parameter
Symbol
Test Conditions
Positive 12V Supply Current
I
CC
All outputs, inputs unloaded
Units
5mA
Digital-to-Analog Converter Section
Voltage Set Point Accuracy
VSPA
D0-D3 = X, D4 = Open, 2.00
≤ VIDO ≤ 3.50V
D0-D3 = X, D4 = GND, 1.80
≤ VIDO ≤ 2.05V
LSB
VSTP
D4 = Open
D4 = GND
Coding
Binary, D0 = LSB, D3 = MSB
Percent of VIDO Threshold
OVPTH
OVP Sourcing Current
IOVP
OVP = 3.0V
OVP Output Low
VLOVP
IOVP = 100µA
Under-Voltage Lockout Section
Under/Over-Voltage Comparator Section
Percent of VIDO Threshold
UOVTH
P
GOOD Low Voltage
VLG
I
GOOD = 5mA
Over-Voltage Protection Comparator Section
Power-up Reset
V
RES
I
GOOD = 5mA
Threshold
UVLOT
V
CC = 5V, Supply ramping down
Hysteresis
UVLOH
V
CC = 5V, Supply ramping up
LX1670
Min.
Typ.
Max.
(Includes DAC, I-V Converter and output scaling amplifier. R
LOAD > 1k, CLOAD < 100pF)
-1.0
1.0
%
-1.5
1.5
%
100
mV
50
mV
1.0
V
4.27
4.37
4.47
V
50
mV
±5.5
±7
±8.5
%
0.2
0.4
V
10
15
20
%
-20
mA
100
mV
Input Low Voltage
V
IL
Input High Voltage
V
IH
Input Low Current
I
IL
V
IL = 0.8V
Input High Current
I
IH
V
IH = 2.0V
TTL Inputs Section
0.8
V
2.0
V
-10
µA
0µA
Open Drain Inputs Section
-37.5
µA
2.0
V
Input Low Current
I
IL
Pin Ground
Input High Voltage
V
IH
Pin Open
(D0-D3, D4)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com