Electronic Components Datasheet Search
  English  ▼

X  

LX1670CD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1670CD
Description  5 - BIT PROGRAMMABLE VOTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1670CD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1670CD Datasheet HTML 1Page - Microsemi Corporation LX1670CD Datasheet HTML 2Page - Microsemi Corporation LX1670CD Datasheet HTML 3Page - Microsemi Corporation LX1670CD Datasheet HTML 4Page - Microsemi Corporation LX1670CD Datasheet HTML 5Page - Microsemi Corporation LX1670CD Datasheet HTML 6Page - Microsemi Corporation LX1670CD Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-B IT P ROGRAMMABLE V O L TAGE R EFERENCE
LX1670
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.0
7/97
4
P RODUCTION D ATA S HEET
FUNCTION T ABLES
01111
0
01110
0
01101
0
01100
0
01011
0
01010
0
01001
0
01000
0
00111
0
00110
0
00101
1.800
00100
1.850
00011
1.900
00010
1.950
00001
2.000
00000
2.050
D4
D3
D2
D1
D0
VIDO
Table 2 - VIDO Output (BLKEN pulled high or left open)
VCC < 1.0
X
X
X
X
Undefined
Undefined
Undefined
1.0 < VCC < UVLOT
X
X
X
X
LOW
LOW
LOW
VCC > UVLOT
X
0
X
X
LOW
LOW
LOW
VCC > UVLOT
VIDO Table
1
0
VS < 0.93VO
VIDO Table 3
LOW
LOW
VCC > UVLOT
VIDO Table
1
0
0.93VO < VS < 1.07VO
VIDO Table 3
HIGH
LOW
VCC > UVLOT
VIDO Table
1
0
1.07VO < VS < 1.15VO
VIDO Table 3
LOW
LOW
VCC > UVLOT
VIDO Table
1
0
VS > 1.15VO
VIDO Table 3
LOW
HIGH
VCC > UVLOT
VIDO Table
1
1
VS < 0.93VO
VIDO Table 2
LOW
LOW
VCC > UVLOT
VIDO Table
1
1
0.93VO < VS < 1.07VO
VIDO Table 2
HIGH
LOW
VCC > UVLOT
VIDO Table
1
1
1.07VO < VS < 1.15VO
VIDO Table 2
LOW
LOW
VCC > UVLOT
VIDO Table
1
1
VS > 1.15VO
VIDO Table 2
LOW
HIGH
V
CC
D4-D0
ENABLE
BLKEN
V
SENSE (VS)
VIDO (V
O)PGOOD
OV
OUT
Table 1 - Input vs. Output Functions
X
0
X
Disable
VIDO is pulled low through 10k
0
1
0
Low
VIDO is scaled. Output 1.3V to 2.05V
1
1
0
Normal
Normal Output 2.0 to 3.5V
0
1
1
Low
VIDO is scaled. Output 1.8V to 2.05V
1
1
1
Normal
Normal output 2.0 to 3.5V
D4
ENABLE
BLKEN
Mode
State
Table 4 - Mode Control
11111
2.00
11110
2.10
11101
2.20
11100
2.30
11011
2.40
11010
2.50
11001
2.60
11000
2.70
10111
2.80
10110
2.90
10101
3.00
10100
3.10
10011
3.20
10010
3.30
10001
3.40
10000
3.50
D4
D3
D2
D1
D0
VIDO
01111
1.300
01110
1.350
01101
1.400
01100
1.450
01011
1.500
01010
1.550
01001
1.600
01000
1.650
00111
1.700
00110
1.750
00101
1.800
00100
1.850
00011
1.900
00010
1.950
00001
2.000
00000
2.050
D4
D3
D2
D1
D0
VIDO
Table 3 - VIDO Output (BLKEN pulled low)
11111
2.00
11110
2.10
11101
2.20
11100
2.30
11011
2.40
11010
2.50
11001
2.60
11000
2.70
10111
2.80
10110
2.90
10101
3.00
10100
3.10
10011
3.20
10010
3.30
10001
3.40
10000
3.50
D4
D3
D2
D1
D0
VIDO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com