Electronic Components Datasheet Search
  English  ▼

X  

PE91084 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91084
Description  Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91084 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91084 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91084 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91084 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PE91084
URL: http://www.pasternack.com/1.85mm-female-1.85mm-female-straight-adapter-pe91084-p.aspx
PE91084
PE91084 REV 1.0
Precision 1.85mm Female to 1.85mm Female
Phase Matched Adapter Operating to 67 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com