Electronic Components Datasheet Search
  English  ▼

X  

PE91084 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91084
Description  Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91084 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91084 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91084 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91084 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
Configuration
Connector 1
1.85mm Female
Impedance 1
50 Ohms
Connector 2
1.85mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 67
Maximum VSWR
1.35:1
Maximum Input Power, Watts
20
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +125
Storage Range, deg C
-55 to +125
Size
Length, in [mm]
0.94 [23.88]
.
Connector 1
Type
1.85mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-PRF-39012
Outer Conductor Material and Plating
Stainless Steel
Outer Conductor Plating Specification
ASTM-A582, Alloy 303, Cond. A
Body Material and Plating
Stainless Steel
Body Plating Specification
ASTM-A582, Alloy 303, Cond. A
Connector 2
Type
1.85mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-PRF-39012
Outer Conductor Material and Plating
Stainless Steel
Outer Conductor Plating Specification
ASTM-A582, Alloy 303, Cond. A
Body Material and Plating
Stainless Steel
Body Plating Specification
ASTM-A582, Alloy 303, Cond. A
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PE91084
PE91084
PE91084 REV 1.0
Precision 1.85mm Female to 1.85mm Female
Phase Matched Adapter Operating to 67 GHz


Similar Part No. - PE91084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results

Similar Description - PE91084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE91085 PASTERNACK-PE91085 Datasheet
255Kb / 3P
Precision 1.85mm Male to 1.85mm Male Phase Matched Adapter Operating to 67 GHz
PE91086 PASTERNACK-PE91086 Datasheet
256Kb / 3P
Precision 1.85mm Male to 1.85mm Female Phase Matched Adapter Adapter Operating to 67 GHz
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com