Electronic Components Datasheet Search
  English  ▼

X  

LX432ISE Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX432ISE
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISE Datasheet(HTML) 4 Page - Microsemi Corporation

  LX432ISE Datasheet HTML 1Page - Microsemi Corporation LX432ISE Datasheet HTML 2Page - Microsemi Corporation LX432ISE Datasheet HTML 3Page - Microsemi Corporation LX432ISE Datasheet HTML 4Page - Microsemi Corporation LX432ISE Datasheet HTML 5Page - Microsemi Corporation LX432ISE Datasheet HTML 6Page - Microsemi Corporation LX432ISE Datasheet HTML 7Page - Microsemi Corporation LX432ISE Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
LX432
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
9/99
4
P RODUCTION D ATA S HEET
GRAPH / CURVE INDEX
Characteristic Curves
FIGURE #
1.
Reference Voltage vs. Junction Temperature
2.
Reference Current vs. Junction Temperature
3.
Cathode Current vs. Cathode Voltage
4.
∆V
REF / ∆VKA vs. Junction Temperature
5.
Dynamic Impedance vs. Junction Temperature
6.
Minimum Cathode Current For Regulation vs. Junction
Temperature
7.
Off-State Current vs. Junction Temperature
8.
Equivalent Input Noise Voltage vs. Frequency
FIGURE INDEX
Parameter Measurement Information
FIGURE #
9.
Test Circuit For V
KA = VREF
10. Test Circuit For V
KA > VREF
11. Test Circuit For I
OFF
Typical Applications
FIGURE #
12. Flyback With Isolation Using LX431 Or LX431A As Voltage
Reference And Error Amplifier
13. LX432 In 3.3V To 2.7V Low Dropout Regulator Application



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com