Electronic Components Datasheet Search
  English  ▼

X  

LX432ISE Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX432ISE
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ISE Datasheet(HTML) 8 Page - Microsemi Corporation

  LX432ISE Datasheet HTML 1Page - Microsemi Corporation LX432ISE Datasheet HTML 2Page - Microsemi Corporation LX432ISE Datasheet HTML 3Page - Microsemi Corporation LX432ISE Datasheet HTML 4Page - Microsemi Corporation LX432ISE Datasheet HTML 5Page - Microsemi Corporation LX432ISE Datasheet HTML 6Page - Microsemi Corporation LX432ISE Datasheet HTML 7Page - Microsemi Corporation LX432ISE Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
LX432
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
9/99
8
P RODUCTION D ATA S HEET
TYPICAL APPLICA TION
Controller
UC384x/LX155x
DRV
GND
V
CC
I
SENSE
V
FB
V
OUT
3.3V
LX432
V
IN
110/220V AC
FIGURE 12 — LX432 In A Power Supply Isolated Feedback Application
FIGURE 13 — LX432 In 3.3V To 2.7V Low Dropout Regulator Application
L X 432
1000µ F
0. 1µ F
120 9
140 9
500 9
0. 1µ F
12V
3. 3V
0. 1µ F
470µ F
2. 7V
( e .g . In te l i 7 4 0 ® c hi ps et )
PRODUCTION DATA - Information contained in this document is proprietary to LinFinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com