Electronic Components Datasheet Search
  English  ▼

X  

IMB-182 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IMB-182
Description  BGA type for Intel Core i7/i5/i3/mobile processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-182 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IMB-182 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-182 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Motherboards
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
ASRock IMB solutions can be widely used for industrial applications, such as process control, data acquisition, and so on. IMB-PCs are typically panel
mounted and often incorporate touch screens for user interaction.
Board Diagram
IPC Motherboards Focused Markets
PCIe x1
CRT VGA
Port A
LVDS
2ch/24bits
Level
Shifter
High-Speed USB
9 ports
480Mb/s
Internal Header: 8 ports
Internal Type A: 1 ports
SIO
Nuvoton NCT6627UD
COM port (RS232/422/485)
Port A (Rear I/O)
Port B (Rear I/O)
COM port (RS232/422/485)
COM port(RS232)
COM port(RS232)
COM port(RS232)
COM port(RS232)
Port C (Internal)
Port D (Internal)
Port E (Internal)
Port F (Internal)
KB/MS (Internal)
GPIO x 8
DGIO Header
PS2 KB/MS Header
LPT port
FAN
CPU FAN/ CHA FAN
TPM Header
Haswell
SATA3_4
DP
Port B
SPI FLASH
64Mb
SATAII Bus
SATAIII Bus
QM87
10/100/1000
10/100/1000
Intel I210AT
PCIe x1
HDMI
Port C
PCIe x16
SATA3_2
SATA3_3
DDR3L 1333/1600
Audio Amplifier
ALC109-CG
ALC662
Audio Codec
Line
Out
MIC
PCI-E X16 SLOT
5Gbps
Super-Speed USB
4 ports
2 Front USB3.0 ports
2 rear USB3.0 ports
ANALOG PORT
Port D
DP
VRD 12.5 on Board
Shark Bay
Intel Processor
SPI
SATA3_1
IMB-182
M-SATA
Intel I217LM
CH7511B
x2
BGA 1364 Pin
Channel B
INTEL
Mini PCIe
PCIe x1/USB
Lynx Point-M
24MHz
128-bit Dual-Channel Memory x 2 Slots
DDR3L 1333/1600
Channel A
KIOSK
Surveillance
Gaming Machine Panel PC
Retail & POS
Signage
Panel PC
Industrial Automation
DVR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com