Electronic Components Datasheet Search
  English  ▼

X  

IMB-182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMB-182
Description  BGA type for Intel Core i7/i5/i3/mobile processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMB-182 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-182 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
Processor System
Dimension
CPU
Core Number
Max Speed
L3 Cache
Chipset
BIOS
Mini-ITX (6.7-in x 6.7-in)
BGA type for Intel Core i7/i5/i3/mobile processor
(Haswell)
(By CPU, Max 4)
(By CPU)
(By CPU)
QM87
UEFI
Graphics
Controller
VRAM
VGA
LVDS
HDMI
DVI
Display Port
Multi Display
Intel HD Graphics (By CPU)
Shared Memory
Supports max resolution 2048 x 1536
1
Supports HDMI 1.4a, max resolution 1920 x 1200
No
Supports max resolution 2560 x1 600
Yes (Three Display)
Expansion Slot
PCI
Mini-PCIe
mSATA
PCIe
CFast Card Socket
0
1 (Full size)
1 (Full size)
1 (x16) with Riser card extend to x8+x8 or x8+x4+x4
0
Memory
Technology
Max.
Socket
Dual Channel DDR3 1066/1333/1600 MHz SDRAM
16GB
2 x SO-DIMM
Ethernet
Interface
Controller
Connector
10/100/1000 Mbps
GbE LAN1:Intel I210, LAN2: Intel I217LM (with v-Pro support)
2 x RJ-45
SATA
Max Data Transfer Rate SATA2 (3.0Gb/S), SATA3 (6.0Gb/S), Supports RAID 0/1/5/10
Rear I/O
VGA
HDMI
DVI-I/D
Display Port
Ethernet
USB
Audio
Serial
PS/2
1
1
0
2
2
4 x USB 3.0 compliant
2 (Mic-In, Line-Out)
2 (RS-232/422/485)
0
Internal Connector
USB
LVDS/Inverter
VGA
Serial
SATA
m-SATA
Mini-PCIe
Parallel
IrDA
GPIO
SATA PWR Output Con
Speaker Header
8 (4 x USB Header 2.54mm pitch, )
1 Vertical Type A USB Connector
24 bit dual channel LVDS
0
4 (RS-232)
4 x SATA3 (6.0Gb/s), Support RAID 0/1/5/10
1
1
1
0
4 x GPI + 4 x GPO
1
0
Mini-ITX Motherboard
IMB-182
Specifications
Watchdog Timer
Output
Interval
Output from super I/O to drag RESETCON#
256 Segments, 0,1,2…255 Sec/Min
Power Requirements
Input PWR
Power On
DC-in 12V~19V
AT/ATX Supported
AT : Directly PWR on as Power input ready
ATX: Press Button to PWR on after Power input ready
Environment
Operating Temperature 0ºC – 60ºC
•
BGA type for Intel Core i7/i5/i3/mobile processor (Haswell)
•
Intel® QM87 Chipset
•
Integrated Intel® HD Graphics Built-in Visuals
•
Supports DDR3 1600MHz, 2x SO-DIMM, up to 16GB system memory
•
2 x COM (RS-232/422/485), 4 x COM (RS-232)
•
1 x VGA, 1 x HDMI,2x DisplayPort, 24 bit Dual Channel LVDS
•
4 x USB 3.0, 8 x USB 2.0, 4 x SATA3
•
1 x mini-PCIe, 1 x mSATA, 1 x PCIe (x16),
•
Gigabit LAN : 1 x Intel I217LM (with v-Pro support), 1 x Intel I210
•
1 x TPM Header
Spotlight Features


Similar Part No. - IMB-182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-180 ETC2-IMB-180 Datasheet
1Mb / 2P
Socket rPGA 947 Intel Core i7/i5/i3/mobile processor
IMB-181-D ETC2-IMB-181-D Datasheet
1Mb / 2P
Socket LGA1150 for Intel Core i7/i5/i3/Celeron
IMB-183 ETC2-IMB-183 Datasheet
771Kb / 1P
Socket LGA1150 for Intel Core i7/i5/i3/Celeron
IMB-184 ETC2-IMB-184 Datasheet
799Kb / 1P
Socket LGA1150 for Intel Core i7/i5/i3/Celeron
IMB-185 ETC2-IMB-185 Datasheet
810Kb / 1P
Socket LGA1150 for Intel Core i7/i5/i3/Celeron
More results

Similar Description - IMB-182

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-QM77 AAEON-GENE-QM77 Datasheet
466Kb / 2P
3.5??SubCompact Board with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
TKS-G50-QM77 AAEON-TKS-G50-QM77 Datasheet
389Kb / 2P
EmBox with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
IMBI-Q57 AAEON-IMBI-Q57 Datasheet
298Kb / 2P
Industrial Motherboard with Intel Core i7/i5/i3 Processor
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
logo
List of Unclassifed Man...
IPC-I5618M-2W ETC2-IPC-I5618M-2W Datasheet
769Kb / 2P
Intel Core i7/i5/i3 Sandy bridge Processor
IPC-I5619M-2R ETC2-IPC-I5619M-2R Datasheet
655Kb / 2P
Intel Core i7/i5/i3 Sandy bridge Processor
IMB-180 ETC2-IMB-180 Datasheet
1Mb / 2P
Socket rPGA 947 Intel Core i7/i5/i3/mobile processor
logo
Advantech Co., Ltd.
AIMB-505 ADVANTECH-AIMB-505 Datasheet
1Mb / 2P
Intel Core i7/i5/i3 LGA1151 MicroATX
logo
Adlink Technology Inc.
IMB-M45H ADLINK-IMB-M45H Datasheet
761Kb / 2P
Industrial ATX Motherboard Intel Core i7/i5/i3 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com