Electronic Components Datasheet Search
  English  ▼

X  

ENA2016 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA2016
Description  Bidirectional Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2016 Datasheet(HTML) 2 Page - ON Semiconductor

  ENA2016 Datasheet HTML 1Page - ON Semiconductor ENA2016 Datasheet HTML 2Page - ON Semiconductor ENA2016 Datasheet HTML 3Page - ON Semiconductor ENA2016 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1846MC
No.A2016-2/4
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 7.5
V
Input high-level voltage
VIH
2.5 to 7.5
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
IN1, 2, 3, 4 = 0V
0.1
10
µA
Current drain
ICC1
IN1, 3 = 3V, IN2, 4 = 0V
30
40
mA
VOUT1
VIN = 3V or 0V, VCC = 3 to 7.5V, IOUT = 200mA
0.27
0.4
V
Output saturation voltage
VOUT2
VIN = 3V or 0V, VCC = 4 to 7.5V, IOUT = 400mA
0.55
0.8
V
Input current
IIN
VIN = 5V
150
200
µA
Spark Killer Diode
Reverse current
IS (leak)
30
µA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit : mm (typ)
3420
Pin Assignment
SANYO : MFP10SK(225mil)
1
10
2
0.8 MAX
1.0
0.35
5.0
0.15
OUT4
10
OUT3
9
OUT1
8
OUT2
7
GND
Top view
6
VCC
1
IN4
2
IN3
3
IN1
4
IN2
5
LB1846MC
Pd max -- Ta
0
400
522
200
600
1000
800
870
60
40
80
100
020
--20
Ambient temperature, Ta - C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com