Electronic Components Datasheet Search
  English  ▼

X  

ENA2016 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ENA2016
Description  Bidirectional Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2016 Datasheet(HTML) 3 Page - ON Semiconductor

  ENA2016 Datasheet HTML 1Page - ON Semiconductor ENA2016 Datasheet HTML 2Page - ON Semiconductor ENA2016 Datasheet HTML 3Page - ON Semiconductor ENA2016 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB1846MC
No.A2016-3/4
Block Diagram
Truth Tables
IN1
IN2
IN3
IN4
OUT1
OUT2
OUT3
OUT4
Note
L
L
L
L
OFF
OFF
OFF
OFF
Standby
H
L
L
L
H
L
OFF
OFF
H
L
H
L
H
L
H
L
L
L
H
L
OFF
OFF
H
L
L
H
H
L
L
H
H
L
L
H
L
L
L
H
OFF
OFF
L
H
L
H
L
H
L
H
L
L
L
H
OFF
OFF
L
H
H
L
L
H
H
L
L
H
1-2 phase excitation
H
H
-
-
-
-
H
H
The logic output for the first high-level input is
produced. *2
Note: *1 "-" indicates a "don‛t care" input.
*2 If two high levels (H/H) are input to the IN1/IN2 pins with the timing shown in (1) in the figure below, then the IN2 input that arrived later will be
ignored and the IC will function as though an H/L combination is applied to the IN1/IN2 pins. Similarly, the timing shown in (2) results in a L/H
combination on the IN1/IN2 pins.
VCC
OUT1
Stepping
Motor
OUT2
OUT3
OUT4
IN1
IN2
IN3
IN4
GND
L
IN1(IN3)
H
H
L
IN2(IN4)
L
H
(1)
L
IN1(IN3)
L
H
L
IN2(IN4)
H
H
(2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com