Electronic Components Datasheet Search
  English  ▼

X  

OPA836 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA836
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA836 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA836 Datasheet HTML 9Page - Texas Instruments OPA836 Datasheet HTML 10Page - Texas Instruments OPA836 Datasheet HTML 11Page - Texas Instruments OPA836 Datasheet HTML 12Page - Texas Instruments OPA836 Datasheet HTML 13Page - Texas Instruments OPA836 Datasheet HTML 14Page - Texas Instruments OPA836 Datasheet HTML 15Page - Texas Instruments OPA836 Datasheet HTML 16Page - Texas Instruments OPA836 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
-0.25
0
0.25
0.5
0.75
0
500
1000
1500
2000
t - Time - ns
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
2.75
3.25
3.75
V = 2.7 V,
G = 5,
R = 1 k ,
R = 1 k
S
F
L
W
W
V
IN
V
OUT
0
50
100
150
200
250
300
0.5
0.6
0.7
0.8
0.9
1
Output Voltage Step -V
Rising
Falling
V = 2.7 V,
G = 2,
R = 1 k
R = 1 k
S
F
L
W
W
0
500
1000
t - Time - ns
0
0.5
1
1.5
2
2.5
V
= 1.5 Vpp
OUT
V
= 0.5 Vpp
OUT
V = 2.7 V,
G = 1,
R = 0
R = 1 k
S
F
L
W
W
0
0.5
1
1.5
2
2.5
3
0
500
1000
t - Time - ns
V = 2.7 V,
G = -1,
R = 1 k
R = 1 k
S
F
L
W
W
V
= 2 Vpp
OUT
V
= 0.5 Vpp
OUT
100k
1M
10M
100M
1G
f - Frequency - Hz
G = 1
G = 10
G = 5
G = 2
G = -1
-9
-6
-3
0
3
6
9
12
15
18
21
V = 2.7 V,
V
= 100 mVpp,
R = 1 k
S
OUT
L
W
-9
-6
-3
0
3
6
9
12
15
18
21
100k
1M
10M
100M
1G
f - Frequency - Hz
G = 10
G = 5
G = 2
G = 1
G = -1
V = 2.7 V,
V
= 1 Vpp,
R = 1 k
S
OUT
L
W
OPA836, OPA2836
www.ti.com
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
Test conditions unless otherwise noted: VS+ = +2.7 V, VS– = 0 V, VOUT = 1 Vpp, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V,
input and output referenced to mid-supply, VIN_CM = mid-supply – 0.5 V. TA = 25°C, unless otherwise noted.
Figure 2. Large Signal Frequency Response
Figure 1. Small Signal Frequency Response
Figure 4. Inverting Pulse Response
Figure 3. Noninverting Pulse Response
Figure 5. Slew Rate vs Output Voltage Step
Figure 6. Output Overdrive Recovery
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com