Electronic Components Datasheet Search
  English  ▼

X  

OPA836 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA836
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA836 Datasheet(HTML) 2 Page - Texas Instruments

  OPA836 Datasheet HTML 1Page - Texas Instruments OPA836 Datasheet HTML 2Page - Texas Instruments OPA836 Datasheet HTML 3Page - Texas Instruments OPA836 Datasheet HTML 4Page - Texas Instruments OPA836 Datasheet HTML 5Page - Texas Instruments OPA836 Datasheet HTML 6Page - Texas Instruments OPA836 Datasheet HTML 7Page - Texas Instruments OPA836 Datasheet HTML 8Page - Texas Instruments OPA836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
OPA836, OPA2836
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 24
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 27
2
Applications ........................................................... 1
9
Application and Implementation ........................ 30
3
Description ............................................................. 1
9.1
Application Information............................................ 30
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 36
5
OPA836-Related Devices ...................................... 4
10
Power Supply Recommendations ..................... 40
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 40
7
Specifications......................................................... 6
11.1
Layout Guidelines ................................................. 40
7.1
Absolute Maximum Ratings ...................................... 6
11.2
Layout Example .................................................... 41
7.2
ESD Ratings.............................................................. 6
12
Device and Documentation Support ................. 42
7.3
Recommended Operating Conditions ....................... 6
12.1
Device Support .................................................... 42
7.4
Thermal Information: OPA836 .................................. 6
12.2
Related Links ........................................................ 42
7.5
Thermal Information: OPA2836 ................................ 7
12.3
Community Resources.......................................... 42
7.6
Electrical Characteristics: VS = 2.7 V........................ 7
12.4
Trademarks ........................................................... 42
7.7
Electrical Characteristics: VS = 5 V........................... 9
12.5
Electrostatic Discharge Caution ............................ 42
7.8
Typical Characteristics ............................................ 12
12.6
Glossary ................................................................ 42
8
Detailed Description ............................................ 24
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 24
Information ........................................................... 42
8.2
Functional Block Diagrams ..................................... 24
4 Revision History
Changes from Revision F (June 2015) to Revision G
Page
•
Changed text in first paragraph of Power-Down Operation section ..................................................................................... 25
Changes from Revision E (September 2013) to Revision F
Page
•
Changed Features section ..................................................................................................................................................... 1
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Changed Device Comparison Table....................................................................................................................................... 4
•
Changed Pin Functions table ................................................................................................................................................. 5
•
Changed Open Loop Gain vs Frequency graph................................................................................................................... 15
•
Changed Input Referred Noise vs Frequency graph ........................................................................................................... 15
•
Changed Open Loop Gain vs Frequency graph ................................................................................................................. 21
•
Changed Input Referred Noise vs Frequency graph............................................................................................................ 21
Changes from Revision D (October 2011) to Revision E
Page
•
Added OPA2836 RMC package to document........................................................................................................................ 1
•
Added RMC pin definitions to Pin Functions table ................................................................................................................. 5
•
Deleted Packaging/Ordering Information table, leaving only note to POA............................................................................. 6
•
Added OPA2836 RMC package to Thermal Information table............................................................................................... 7
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com