Electronic Components Datasheet Search
  English  ▼

X  

S7076 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S7076
Description  Rack-optimized dual-socket server implmentation for CSP deployment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7076 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S7076 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7076 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SATA5
MINI SAS1
Rear
Front
PCIE Gen3 x8
RJ45
RJ45
DDR4 channel F
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel G
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel H
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel E
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel A
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel A
RDIMM / LRDIMM
1600/1866/2133 MHz
DDR4 channel A
RDIMM / LRDIMM
1600/1866/2133 MHz
PWM
RGB
UART
USB2.0*3 / 3.0 *4
SSATA (6.0Gb/s) *4
SATA4
SATA (6.0Gb/s) *6
MINI SAS0
OCP SLOT1 X8
TPM / Debug Header
DDR4 channel A
QPI Port 1
(9.6GT/s)
QPI Port 0
(9.6GT/s)
CPU 0
Haswell
EP - EP
(Socket R3)
CPU 1
Haswell
EP - EP
(Socket R3)
PCH
Wellsburg
C612
ASpeed
AST2400 / AST1400
NC SI Interface
DDR3 Frame Buffer Memory
Smart Fan Controller
Intel i350
Gb Lan
Mini SAS HD
Mini SAS HD
Mini SAS HD
Mini SAS HD
MINI SAS1
PCIE Gen3 x4
PCIE Gen3 x4
PCIE Gen2 x4
OCP SLOT2 x8
COM Port
D-Sub Connector
DDR III
RDIMM / LRDIMM
1600/1866/2133 MHz
PCI Express x8
PCI Express x8
PCIE Gen3 x8
PCIE Gen3 x8
PCIE Gen3 x8
PCIE Gen3 x4
PCIE Gen3 x4
Specifications
S7070
S7070WGM2NR / S7070WA2NR / S7070A2NR
S7070GM2NR
Specifications
S7076
S7076GM2NR / S7076GM2NRE
(Specifications are subject to change without notice. Items pictured may only be representative.)
Block Diagram
TYAN Business Unit
MITAC COMPUTING TECHNOLOGY CORP.
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Inte® Xeon® Processor E5-2600 v3 series
processors
LGA2011 / (2)
Max up to 160W
Intel® C612
-
(8+8) DIMM sockets
DDR4 RDIMM 2133/1866/1600MHz
DDR4 LRDIMM/LRDIMM 3DS 2133/1600MHz
Up to 512GB RDIMM / 1,024GB LRDIMM / 2,048GB
LDRIMM 3DS (*Intel® Memory POR)
4 Channels
1.2V
(2) PCI-E Gen3 x8 slots (1) OCP slot for Mezz
Card/ (1)Proprietary slot for SAS Mezz Card
M2091, PCI-E x16 1U riser card (left) / M2103-L8-
1L, Proprietary PCI-E 1U riser (right)
-
(2) GbE ports
(1 port shared with IPMI)
Intel® I350-AM2
(4) Internal mini-SAS HD connectors
(SFF-8643) (-E SKU)
Connector
(2) SATA (-E SKU), (1) Mini-SAS (4-ports) + (2)
SATA (totally support 6 ports)
Controller
Intel® C612
Speed
6.0 Gb/s
RAID
RAID 0/1/10/5 (Intel RST)
Connector
(1) Mini-SAS (4-ports)
Controller
Intel® C612
Speed
6.0 Gb/s
RAID
RAID 0/1/10/5 (Intel RST) only for 4 SATA devices
D-Sub 15-pin
Up to 1920x1200
Aspeed AST2400
Audio
-
(3) USB2.0 ports (1 stack-up ports, 1 type A
header)
(4) USB3.0 ports (2 at rear, 2 via cable)
(2) ports (1 at rear, 1 via cable)
(1) D-Sub 15-pin VGA port
Total (2) GbE ports, (1) shared with IPMI
SSI 24-pin + 8-pin + 8-pin power connectors
(1) 1x5-pin header
(4) Internal mini-SAS HD connectors (SFF-8643)
(-E SKU)
(2) SATA-III connectors + (1) Mini-SAS (4-in-1)
connectors (-E SKU)
(2) SATA-III connectors + (2) Mini-SAS (4-in-1)
connectors
Aspeed AST2400
Monitors voltage for CPU, memory,
chipset & power supply
Total (7) 4-pin headers
Monitors temperature for CPU & system
environment
Over temperature warning indicator / Fan & PSU
fail LED indicator
Watchdog timer support
Voltage
Fan
Temperature
USB
Input /Output
Chipset
Chipset
RJ-45
Chipset
PSMI
System
Monitoring
Others
LED
VGA
COM
NVMe
Power
SATA
Memory voltage
Resolution
PCI
Connector type
LAN
Port Q'ty
Controller
Graphic
SATA
SSATA
Storage
NVMe
Chipset
PCI-E
Recommended
TYAN® Riser Card
Processor
Supported CPU
Series
Socket Type / Q'ty
Thermal Design
Power (TDP) wattage
PCH / PCI-E Switch
Super I/O
Expansion
Slots
Memory
Supported DIMM
Qty
DIMM Type / Speed
Capacity
Memory channel
Onboard Aspeed AST2400
IPMI 2.0 compliant baseboard management
controller (BMC) / Supports storage over IP and
remote platform-flash / USB 2.0 virtual hub
24-bit high quality video compression / 10/100
Mb/s MAC interface
BIOS
AMI / 16MB
User-configurable H/W monitoring / SMBIOS
2.7/PnP/Wake on LAN / PXE boot support / ACPI
3.0/ACPI sleeping states S1,S3,S4,S5
EATX
12"x13" (305x330mm)
Operating System
Please refer to our Intel OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
Non-operating Relative Humidity: 10% to 95%
(non-condensing)
RoHS
Yes
AST2400 IPMI
Feature
RoHS 6/6 Complaint
Regulation
FCC (DoC)
CE (DoC)
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
Form Factor
Form Factor
Board Dimension
OS supported list
Feature
Brand / ROM size
Server
Management
AST2400 IKVM
Feature
Onboard Chipset



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com