Electronic Components Datasheet Search
  English  ▼

X  

S7076 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7076
Description  Rack-optimized dual-socket server implmentation for CSP deployment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7076 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7076 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7076 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
●
Dual LGA2011 socket supports (2) E5-2600 v3 series processors
●
Intel® C612
●
(8+8) 284-pin DDR4 DIMM slots RDIMM 2133/1866/1600;
LRDIMM/LRDIMM 3DS 2133/1600
●
Support up to 512GB RDIMM/1,024GB LRDIMM/2,048GB LDRIMM 3DS
(*Intel Memory POR)
●
(2) PCI-E Gen3 x8 slots
●
(1) OCP slot for Mezz Card/ (1)Proprietary slot for SAS Mezz Card
●
(2) SATA-III + (8) SATA/SAS ports by (2) mini-SAS connectors running
at 6.0Gb/s w/ RAID 0, 1, 10, 5 support
(2) SATA-III + (4) SATA/SAS ports by (1) mini-SAS connectors running
at 6.0Gb/s w/ RAID 0, 1, 10, 5 and (4) NVMe support (-E SKU)
●
(2) GbE LAN (via Intel® I350-AM2)
●
EATX (12" x 13") form factor
Intel® C612 Chipset
S7076
S7076GM2NR / S7076GM2NRE
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER
PLATFORM
FOR HPC
Rack-optimized dual-socket server
implmentation for CSP deployment


Similar Part No. - S7076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7070 ETC2-S7070 Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
S7070A2NR ETC2-S7070A2NR Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
S7070AG2NR ETC2-S7070AG2NR Datasheet
1Mb / 2P
Cost-effective dual-socket Server/workstation implementation
S7070GM2NR ETC2-S7070GM2NR Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
S7070WA2NR ETC2-S7070WA2NR Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
More results

Similar Description - S7076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
2U Rack-Optimized Server Platform for HPC
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
S5620 ETC2-S5620 Datasheet
1Mb / 2P
Single-socket server implementation for CSP deployment
S7016 ETC2-S7016 Datasheet
991Kb / 2P
High-end rack-optimized dual-socket server platform
S7056 ETC2-S7056 Datasheet
819Kb / 2P
Dual-socket SMP server implmentation
S7063 ETC2-S7063 Datasheet
774Kb / 2P
Dual-socket SMP server implmentation
S7067 ETC2-S7067 Datasheet
937Kb / 2P
DUAL-SOCKET RACK-OPTIMIZED RACK-OPTIMIZED
S7086 ETC2-S7086 Datasheet
850Kb / 2P
Rack-optimization dual-socket server implmentation for CSP deployment
S8226 ETC2-S8226 Datasheet
827Kb / 2P
1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com