Electronic Components Datasheet Search
  English  ▼

X  

SSF4953 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF4953
Description  30V Dual P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4953 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF4953_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.goodark.com
Page 1 of 6
Rev.2.0
SSF4953
30V Dual P-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
4953
SSF4953
SOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID
-5.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
2.0
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
62.5
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±25V,VDS=0V
±100
nA
GENERAL FEATURES
●VDS = -30V,ID = -5.3A
RDS(ON) < 85mΩ @ VGS=-4.5V
RDS(ON) < 53mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSF4953 uses advanced trench technology to
provide excellent RDS(ON), low gate charge. It has
been optimized for power management applications
requiring a wide range of gave drive voltage ratings
(4.5V – 25V).
APPLICATIONS
●Battery protection
●Load switch
●Power management
Marking and Pin Assignment
G 1
D1
D2
G 2
S 1
S2
Schematic Diagram
SOP-8 Top View
G 2
S2
G 1
S1
4
3
2
1
D 2
D 2
D 1
D 1
5
6
7
8
4 9 53


Similar Part No. - SSF4953_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4953 SILIKRON-SSF4953 Datasheet
492Kb / 5P
Battery protection
logo
GOOD-ARK Electronics
SSF4953 GOOD-ARK-SSF4953 Datasheet
723Kb / 6P
30V Dual P-Channel MOSFET
More results

Similar Description - SSF4953_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com