Electronic Components Datasheet Search
  English  ▼

X  

SSF4953 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF4953
Description  30V Dual P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4953 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF4953_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF4953_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.goodark.com
Page 2 of 6
Rev.2.0
SSF4953
30V Dual P-Channel MOSFET
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID =-250μA
-1
-3
V
VGS=-10V, ID =-5.3A
46
53
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID =-4A
70
85
mΩ
Forward Transconductance
gFS
VDS=-5V, ID =-5.3A
8
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
525
PF
Output Capacitance
Coss
135
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
70
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
7
14
nS
Turn-on Rise Time
tr
13
24
nS
Turn-Off Delay Time
td(off)
14
25
nS
Turn-Off Fall Time
tf
VDD=-15V, ID =-1A
VGS=-10V,RGEN=6Ω
9
17
nS
Total Gate Charge
Qg
6
9
nC
Gate-Source Charge
Qgs
2.2
nC
Gate-Drain Charge
Qgd
VDS=-15V, ID=-4.5A,VGS=-10V
2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-2.1A
-0.8
-1.2
V
Diode Forward Current (Note 2)
IS
-2.1
A
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com