Electronic Components Datasheet Search
  English  ▼

X  

PE87FL1012 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE87FL1012
Description  11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1012 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE87FL1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
750
1000
1250
1500
1750
2000
2250
dB
MHz
Passband
S11
S21
-5
-4
-3
-2
-1
0
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
dB
MHz
Insertion Loss
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz
With a 1,000 MHz Passband PE87FL1012
PE87FL1012 REV 1.0
11 Section Bandpass Filter With SMA Female Connectors
Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com