Electronic Components Datasheet Search
  English  ▼

X  

PE87FL1012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE87FL1012
Description  11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE87FL1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1012 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Pass band of 1000 MHz
• 1 GHz to 2 GHz
• Eleven section
•
Combline filter design
•
55 dB rejection at 650 MHz and 3 GHz (1.5 GHz from
band center)
•
Typical insertion loss of 1.5 dB
•
Female SMA connectors
Applications
• Satellite communications
.
Description
The PE87FL1012 is an eleven section band pass filter. It is part of a family of filters that is useful for satellite communications. The
pass band is 1000 MHz wide, from 1 GHz to 2 GHz. Implemented using a Combline design, the filter has excellent rejection
of 55 dB at 650 MHz and 3 GHz, or ±1.5 GHz from mid band. It has a maximum insertion loss of 2 dB. The PE87FL1012 has
SMA female connectors.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Passband Frequency
1
2
GHz
Impedance
50
Ohms
Insertion Loss
1.5
dB
Passband VSWR
1.7:1
Rejection at 650 MHz
55
dB
Rejection at 3 GHz
55
dB
Input Power, CW
2
Watts
.
Electrical Specification Notes: Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.6 in [40.64 mm]
Width
0.55 in [13.97 mm]
Height
0.44 in [11.18 mm]
.
Configuration
Design
Combline
Number of Sections
11
Package Style
Connectorized
Connector 1
SMA Female
Connector 2
SMA Female
Connector Option
Field Replaceable
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 11 Section Bandpass Filter With SMA Female Connectors Operating From 1 GHz to 2 GHz
With a 1,000 MHz Passband PE87FL1012
PE87FL1012 REV 1.0
11 Section Bandpass Filter With SMA Female Connectors
Operating From 1 GHz to 2 GHz With a 1,000 MHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1012


Similar Part No. - PE87FL1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1010 PASTERNACK-PE87FL1010 Datasheet
487Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1011 PASTERNACK-PE87FL1011 Datasheet
485Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE87FL1014 PASTERNACK-PE87FL1014 Datasheet
521Kb / 4P
TECHNICAL DATA SHEET
PE87FL1015 PASTERNACK-PE87FL1015 Datasheet
521Kb / 4P
TECHNICAL DATA SHEET
More results

Similar Description - PE87FL1012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8721 PASTERNACK-PE8721 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 2 GHz With a 2 GHz Passband
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8742 PASTERNACK-PE8742 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.9 GHz to 8.4 GHz With a 500 MHz Passband
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
PE8744 PASTERNACK-PE8744 Datasheet
342Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
PE87FL1013 PASTERNACK-PE87FL1013 Datasheet
524Kb / 5P
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8747 PASTERNACK-PE8747 Datasheet
352Kb / 3P
9 Section Bandpass Filter With SMA Female Connectors Operating From 27.5 GHz to 31 GHz With a 3.5 GHz Passband
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com