Electronic Components Datasheet Search
  English  ▼

X  

P2005A Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2005A
Description  A Low Frequency EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2005A Datasheet(HTML) 2 Page - ON Semiconductor

  P2005A Datasheet HTML 1Page - ON Semiconductor P2005A Datasheet HTML 2Page - ON Semiconductor P2005A Datasheet HTML 3Page - ON Semiconductor P2005A Datasheet HTML 4Page - ON Semiconductor P2005A Datasheet HTML 5Page - ON Semiconductor P2005A Datasheet HTML 6Page - ON Semiconductor P2005A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2005A, P2005S
http://onsemi.com
2
Figure 1. Block Diagram
Crystal
Oscillator
XOUT
XIN
MODOUT
DIV2
Output
Divider
PLL
VDD
VCO
Loop
Filter
SR0 SSON#
VSS
Modulation
Feedback
Divider
Frequency
Divider
Phase
Detector
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +7.0
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND−0.3
−
0.8
V
VIH
Input high voltage
2.0
−
VDD+0.3
V
IIL
Input low current
(pull−up resistors on inputs SR0, SR1, CP0 and CP1)
−
−
−35
mA
IIH
Input high current (pull−down resistor on input SSON#)
−
−
35
mA
IXOL
XOUT Output Low Current (@ 0.4 V, VDD = 3.3 V)
−
3
−
mA
IXOH
XOUT Output High Current (@ 2.5 V, VDD = 3.3 V)
3
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
−
−
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
−
−
V
ICC
Dynamic supply current normal mode (3.3 V, and 15 pF loading)
6.0
7.0
8.3
mA
IDD
Static supply current standby mode
−
0.6
−
mA
VDD
Operating voltage
3.1
3.3
5.5
V
tON
Power up time (first locked clock cycle after power up)
−
0.18
−
mS
ZOUT
Clock output impedance
−
50
−
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com