Electronic Components Datasheet Search
  English  ▼

X  

P2005A Datasheet(PDF) 3 Page - ON Semiconductor

Part # P2005A
Description  A Low Frequency EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2005A Datasheet(HTML) 3 Page - ON Semiconductor

  P2005A Datasheet HTML 1Page - ON Semiconductor P2005A Datasheet HTML 2Page - ON Semiconductor P2005A Datasheet HTML 3Page - ON Semiconductor P2005A Datasheet HTML 4Page - ON Semiconductor P2005A Datasheet HTML 5Page - ON Semiconductor P2005A Datasheet HTML 6Page - ON Semiconductor P2005A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P2005A, P2005S
http://onsemi.com
3
Table 3. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
8
−
32
MHz
fOUT
Output frequency
1X Option
8
−
32
MHz
1/2X Option
4
−
16
tLH (Note 1)
Output rise time (measured at 0.8 V to 2.0 V)
0.7
0.9
1.1
nS
tHL (Note 1)
Output fall time (measured at 2.0 V to 0.8 V)
0.6
0.8
1.0
nS
tJC
Jitter (cycle−to−cycle)
−
−
360
pS
tD
Output duty cycle
45
50
55
%
1. tLH and tHL are measured into a capacitive load of 15 pF.
Table 4. PIN DESCRIPTION
Pin#
Pin Name
Type
Description
1
XIN / CLK
I
Connect to crystal or clock.
2
XOUT
O
Crystal output.
3
DIV2
I
Digital logic input used to select normal output mode or divide−by−two output mode. When this pin
is HIGH, the frequency of the output clock is the same as the input clock frequency. When it is tied
low, the output frequency is half the input clock frequency. This pin has an internal pull−up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SR0
I
Digital logic input used to select Spreading Range Refer to Modulation Output and Spreading
Range Selection Table. This pin has an internal pull−up resistor.
6
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread Spectrum func-
tion enabled when LOW, disabled when HIGH. This pin has an internal pull−low resistor.
7
ModOUT
O
Spread spectrum clock output.
8
VDD
P
Power supply for the entire chip (+3.3 V or 5.0 V)
Table 5. OUTPUT FREQUENCY SELECTIONS
Input Frequency
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
DIV2
0 (1/2X)
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
Output
Frequency
1 (1X)
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
Table 6. FREQUENCY DEVIATION SELECTIONS AS A FUNCTION OF INPUT FREQUENCY
P/N
SR0
Input Frequency Range
Modulation Rate (KHz)
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
28 MHz
32 MHz
P2005A
0
±3.0%
±2.5%
±2.0%
±1.8%
±1.5%
±1.5%
±1.3%
(XIN/20) * 62.5
1
±2.5%
±2.0%
±1.8%
±1.5%
±1.3%
±1.3%
±1.0%
P2005S
0
±1.8%
±1.5%
±1.2%
±1.1%
±0.9%
±0.9%
±0.8%
1
±1.5%
±1.2%
±1.1%
±0.9%
±0.8%
±0.8%
±0.6%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com