Electronic Components Datasheet Search
  English  ▼

X  

SA3291 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA3291
Description  Preconfigured Wireless DSP System for Hearing Aids
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3291 Datasheet(HTML) 2 Page - ON Semiconductor

  SA3291 Datasheet HTML 1Page - ON Semiconductor SA3291 Datasheet HTML 2Page - ON Semiconductor SA3291 Datasheet HTML 3Page - ON Semiconductor SA3291 Datasheet HTML 4Page - ON Semiconductor SA3291 Datasheet HTML 5Page - ON Semiconductor SA3291 Datasheet HTML 6Page - ON Semiconductor SA3291 Datasheet HTML 7Page - ON Semiconductor SA3291 Datasheet HTML 8Page - ON Semiconductor SA3291 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AYRE SA3291
www.onsemi.com
2
Adaptive Noise Reduction − The Ayre SA3291 adaptive
noise
reduction
algorithm
monitors
noise
levels
independently in 128 individual bands and employs
advanced psychoacoustic models to provide user comfort.
Tinnitus Masking − The Ayre SA3291 is equipped with
a noise source that can be used to mask tinnitus. The noise
can be shaped and attenuated and then summed into the
audio path either before or after the volume control.
In−situ Tone Generator − The narrow−band noise
stimulus feature can be used for in−situ validation of the
hearing aid fitting. The frequency, level and duration of the
stimuli are individually adjustable.
Other Key Features – Ayre SA3291 also supports the
following features: FRONTWAVE® directional processing,
built−in feedback path measurement, cross fading between
audio paths for click−free program changes, 16−band
graphic equalizer, 8 generic biquad filters (configurable as
parametric or other filter types), programming speed
nhancements, optional peak clipping, flexible ompression
adjustments, direct interfaces to analog or digital volume
control, rocker switch, direct audio input and telecoil. Ayre
SA3291 also encompasses industry−leading security
features to avoid cloning and software piracy.
Features
• Wireless:
♦ Complete NFMI Wireless Transceiver of
Bi−directional Transmission
♦ Channel Rate of 298 kbps
♦ Wireless Data Transfer
♦ CROS/BiCROS
♦ Relay Device Reference Design Available
• Advanced Research Algorithms:
♦ iSceneDetect Environmental Classification
♦ Automatic Adaptive Directional Microphones
(ADM)
♦ FrontWave Directionality
♦ 128−band Adaptive Noise Reduction
♦ Adaptive Feedback Cancellation (AFC)
• Streaming Stereo and Mono Audio
• iLog 4.0 Datalogging
• Tinnitus Masking Noise Generator
• Evoke Acoustic Indicators
• Auto Telecoil with Programmable Delay
• 1, 2, 4, 6 or 8 Channel WDRC
• Feedback Path Measurement Tool
• AGC−O with Variable Threshold, Time Constants, and
Optional Adaptive Release
• 16−band Graphic Equalizer
• Narrow−band Noise Stimulus
• SDA or I2C Programming
• 8 Biquadratic Filters
• 4 Analog Inputs
• 16 kHz or 8 kHz Bandwidth
• 6 Fully Configurable Memories with Audible Memory
Change Indicator
• 96 dB Input Dynamic Range with HRX Headroom
Extension
• 28−bit Fingerprint Security System and Other Security
Features to Protect Against Device Cloning and
Software Policy
• High Fidelity Audio CODEC
• Soft acoustic Fade Between Memory Changes
• Drives Zero−bias 2−terminal Receivers
• Internal or External Digital Volume Control with
Programmable Range
• Rocker Switch Support
• 20−bit Audio Processing
• thinSTAX® Packaging
• E1 RoHS Compliant Hybrid
thinSTAX Packaging
Hybrid typical dimensions:
0.250 x 0.145 x 0.065 in.
(6.35 x 3.68 x 1.65 mm)
1. Nominal dimensions of Hybrid only; height of solder bump not
included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com