Electronic Components Datasheet Search
  English  ▼

X  

SA3291 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA3291
Description  Preconfigured Wireless DSP System for Hearing Aids
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA3291 Datasheet(HTML) 4 Page - ON Semiconductor

  SA3291 Datasheet HTML 1Page - ON Semiconductor SA3291 Datasheet HTML 2Page - ON Semiconductor SA3291 Datasheet HTML 3Page - ON Semiconductor SA3291 Datasheet HTML 4Page - ON Semiconductor SA3291 Datasheet HTML 5Page - ON Semiconductor SA3291 Datasheet HTML 6Page - ON Semiconductor SA3291 Datasheet HTML 7Page - ON Semiconductor SA3291 Datasheet HTML 8Page - ON Semiconductor SA3291 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AYRE SA3291
www.onsemi.com
4
SPECIFICATIONS
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
50
mW
Maximum Operating Supply Voltage
1.65
VDC
Absolute Maximum Supply Voltage
1.8
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING:
Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING:
Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = NVB = 1.25 V; Temperature = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Minimum Operating Supply Voltage
VBOFF
Ramp down, audio path
0.93
0.95
0.97
V
Ramp down, control logic
0.77
0.80
0.83
NVBOFF
Transceiver Operation
0.93
0.965
1.0
Supply Voltage Turn On Threshold
VBON
Ramp up, Zinc Air battery
1.06
1.10
1.16
V
NVBON
Ramp up, Zinc Air battery
1.06
1.10
1.14
EEPROM Burn Cycles
−
−
100 k
−
−
cycles
Flash−RAM Write/Erase Cycle
−
−
10 k
100 k
−
cycles
Low Frequency System Limit
−
DSP, Transceiver
−
125
−
Hz
High Frequency System Limit
−
DSP
−
−
16
kHz
−
Transceiver (−3 dB)
−
7
−
Total Harmonic Distortion
THD
VIN = −40 dBV
−
−
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
−
−
3
%
Clock Frequency
fCLK
−
3.78
−
4.10
MHz
NFMI TRANSCEIVER
Carrier Frequency
fC
−
−
10.597
−
MHz
Modulation Scheme
−
TDMA, CPFSK
−
−
−
−
Supply Current in Sleep Mode
Isleep
−
−
2
−
mA
Supply Current in Standby Mode
Istandby
−
189
227
273
mA
Average Operating Current
IAVE
Bi−directional TDMA mode,
full chip operation
−
3.2
−
mA
Transmitter Antenna Coil Voltage
VTX
AC Signal
−
−
12
VPP
REGULATOR
Regulator Voltage
VREG
−
0.87
0.90
0.93
V
System PSRR
PSRRSYS
1 kHz, Input referred, HRX enabled
−
70
−
dB
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 kHz
−
−108
−106
dBV
Input Impedance
ZIN
1 kHz
−
3
−
M
W
Anti−aliasing Filter Rejection
−
f = fCLK/2 − 8 kHz, VIN = −40 dBV
−
80
−
dB
Crosstalk
−
Between both A/D and Mux
−
60
−
dB
Maximum Input Level
−
−
−
−15
−
dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com