Electronic Components Datasheet Search
  English  ▼

X  

SM5003 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5003
Description  Quartz Crystal Oscillator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5003 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5003 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NIPPON PRECISION CIRCUITS-4
SM5003 Series
SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
-0.5 to 7.0
V
Input voltage range
VIN
-0.5 to VDD + 0.5
V
Output voltage range
VOUT
-0.5 to VDD + 0.5
V
Strage temperature ranges
TSTG
Chip form
-65 to 150
˚C
6 pin SOT
-55 to 125
˚C
Power dissipation
PW
6 pin SOT
250
mW
Output current
IOUT
13
mA
Soldering temperture
TSLD
6 pin SOT
255
˚C
Soldering time
tSLD
6 pin SOT
10
sec
(VSS = 0V unless otherwise noted)
Recommended Operating Conditions
(VSS= 0V unless otherwise noted)
Limit
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Supply Voltage
VDD
4.5
5.5
V
Input voltage
VIN
VSS
VDD
V
Operating temperature
TOPR
-20
+80
°C
Electrical Characteristics
Limit
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
HIGH-level output voltage
VOH
Q pin, test circuit 1, VDD= 4.5V, IOH= 8mA
3.9
4.2
V
LOW-level output voltage
VOL
Q pin, test circuit 2, VDD= 4.5V, IOL= 8mA
0.3
0.4
V
Output leakage current
IZ
Q pin, test circuit 2,
VOH= VDD
10
µA
INH= Low, VDD= 5.5V
VOL= VSS
10
µA
HIGH-level input voltage
VIH
INH pin
2.0
V
LOW-level input voltage
VIL
INH pin
0.8
V
Current consumption
IDD
INH= OPEN,
SM5003A
×H28
45
mA
test circuit 3,
load circuit 1
CL= 15pF,
SM5003B
×H28
45
mA
f= 70MHz
load circuit 2
Pull-up resistance
RUP
INH pin, test circuit 4
25
100
250
k
Ω
AC feedback resistance
Rf
test circuit 5
SM5003
×AH
5.4
6.1
6.7
k
Ω
SM5003
×BH
2.9
3.3
3.7
k
Ω
SM5003
×CH
3.5
3.9
4.3
k
Ω
SM5003
×DH
2.4
2.7
3.0
k
Ω
Internal capacitance
CG
Design value, determined by the internal
7.2
8
8.8
pF
CD
wafer pattern
13.5
15
16.5
pF
(VDD= 4.5 to 5.5V, VSS = 0V, Ta= -20 to 80˚C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com