Electronic Components Datasheet Search
  English  ▼

X  

SM5003 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5003
Description  Quartz Crystal Oscillator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5003 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM5003 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5003 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Output Disable/Enable Delay Times
Q output
INH
VIH
VIL
tPLZ
tPZL
INH inputwaveform tr = tf
10ns
NIPPON PRECISION CIRCUITS-7
SM5003 Series
Switching Time Test Waveforms
Duty level CMOS (SM5003A
×H)
tr,tf DUTY
Output duty cycle time
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measuring
voltage (0.5VDD
)
DUTY measuring
voltage
(0.5VDD)
Q output
TW
T
DUTY= (TW/ T) 100 (%)
Duty level TTL (SM5003B
×H)
tr,tf DUTY
Output duty cycle time
2.4V
0.4V
2.4V
0.4V
tr
tf
Q output
DUTY measuring
voltage (1.4V)
DUTY measuring
voltage
(1.4V)
Q output
TW
T
DUTY= (TW/ T) 100 (%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com