Electronic Components Datasheet Search
  English  ▼

X  

SM5004 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5004
Description  Quartz Crystal Oscillator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5004 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5004 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NIPPON PRECISION CIRCUITS-5
SM5004 Series
Switching Characteristics
Limit
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Output rise time
tr
Test circuit 6, load circuit 1, CL= 15pF
3.5
7
ns
0.1VDD to 0.9VDD
Output fall time
tf
Test circuit 6, load circuit 1, CL= 15pF
3.5
7
ns
0.9VDD to 0.1VDD
Output duty cycle
DUTY
Test circuit 6, Ta= 25˚C, VDD=5.0V
45
55
%
load circuit 1, CL= 15pF, f= 30MHz (*1)
Output disable delay time
tPLZ
Test circuit 6, Ta= 25˚C, VDD= 5.0V
100
ns
Output enable delay time
tPZL
load circuit 1, CL= 15pF
100
ns
Duty level CMOS
(VDD= 4.5 to 5.5V, VSS = 0V, Ta= -20 to 80
°C, unless otherwise noted)
Duty level TTL
(VDD= 4.5 to 5.5V, VSS = 0V, Ta= -20 to 80 C, unless otherwise noted)
Limit
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Output rise time
tr
Test circuit 6, load circuit 2, CL= 15pF
2.5
7
ns
0.4VDD to 2.4VDD
Output fall time
tf
Test circuit 6, load circuit 2, CL= 15pF
2.5
7
ns
2.4VDD to 0.4VDD
Output duty cycle
DUTY
Test circuit 6, Ta= 25˚C, VDD=5.0V
45
55
%
load circuit 2, CL= 15pF, f= 30MHz (*1)
Output disable delay time
tPLZ
Test circuit 6, Ta= 25˚C, VDD= 5.0V
100
ns
Output enable delay time
tPZL
load circuit 2, CL= 15pF
100
ns
Note:
(*1) Determined by the lot monitor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com