Electronic Components Datasheet Search
  English  ▼

X  

SM5004 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5004
Description  Quartz Crystal Oscillator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5004 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5004 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5004 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NIPPON PRECISION CIRCUITS-2
SM5004 Series
PAD DIMENSIONS
Q
XT
(1000,800)
VDD
INH
XT
VSS
(0,0)
X
Y
PAD COORDINATES
Name
Coordinates (
µm)
XY
VSS
150
150
XT
570
170
INH
850
150
VDD
850
450
XT
850
650
Q
150
650
Chip size : 1.00
×0.80 mm
Chip thickness : 250 ± 30
µm
Chip reverse side : VDD level
PIN CONFIGURATION (Top view)
1
INH
2
XT
3
VSS
4
Q
5
VDD
6XT
TERMINAL DESCRIPTIONS
Name
Descriptions
XT
XT
INH
VDD
VSS
Q
Oscillator input pin
Oscillator output pin
Output state control input pin (with buit-in pull-up resistance)
Supply voltage
Ground
Output pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com