Electronic Components Datasheet Search
  English  ▼

X  

PE71S2021 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S2021
Description  2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2021 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S2021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
-10
-8
-6
-4
-2
0
2
6
10
14
18
22
26
30
34
38
Freq.(GHz)
Insertion Loss
Insertion Loss
-50
-40
-30
-20
-10
0
2
6
10
14
18
22
26
30
34
38
Freq.(GHz)
Return Loss
Low Loss Mode
Isolation Mode
PE71S2021 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To +27 dBm
PE71S2021
PIN Diode Switches Technical Data Sheet
PE71S2021
2.92mm SPDT PIN Diode Switch Operating
From 2 GHz to 40 GHz Up To +27 dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com