Electronic Components Datasheet Search
  English  ▼

X  

PE71S2021 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S2021
Description  2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2021 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S2021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2021 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
-70
-60
-50
-40
-30
-20
2
6
10
14
18
22
26
30
34
38
Freq.(GHz)
Isolation
Isolation
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To +27 dBm from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To +27 dBm PE71S2021
URL: http://www.pasternack.com/2.92mm-spdt-pin-diode-switch-2-40-ghz-27-dbm-pe71s2021-p.aspx
PE71S2021 REV 1.0
PIN Diode Switches Technical Data Sheet
PE71S2021
2.92mm SPDT PIN Diode Switch Operating
From 2 GHz to 40 GHz Up To +27 dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com