Electronic Components Datasheet Search
  English  ▼

X  

PE-P141 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-P141
Description  Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-P141 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-P141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Frequency 7
Frequency, GHz
10
Attenuation, dB/100ft [dB/100m]
41 [134.51]
Frequency 8
Frequency, GHz
18
Attenuation, dB/100ft [dB/100m]
58 [190.29]
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +200
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.037 [0.94]
Dielectric:
Type
PTFE
Diameter, in [mm]
0.117 [2.97]
Shield:
Number of
2
Material 1
Silver Plated Copper Tape
Material 2
Silver Plated Copper Braid
Diameter, in [mm]
0.141 [3.58]
Jacket:
Material
FEP
Diameter, in [mm]
0.163 [4.14]
Color
Blue
Weight, lbs/ft [Kg/m]
0.028 [0.04]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE-P141
PE-P141 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket PE-
P141
Flexible Version of 141 Semi-rigid Coax Cable
Double Shielded with Blue FEP Jacket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com