Electronic Components Datasheet Search
  English  ▼

X  

PE-P141 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-P141
Description  Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-P141 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-P141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-P141 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Silver Plated Copper Tape, Silver Plated Copper Braid
Jacket Material and Color
FEP, Blue
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
70
Maximum Operating Frequency, GHz
18
Cutoff Frequency, GHz
34
RF Shielding, dB
110
Capacitance, pF/ft [pF/m]
29.4 [96.46]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
400
Attenuation, dB/100ft [dB/100m]
7.1 [23.29]
Frequency 2
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
11.2 [36.75]
Frequency 3
Frequency, GHz
2
Attenuation, dB/100ft [dB/100m]
16.5 [54.13]
Frequency 4
Frequency, GHz
2.4
Attenuation, dB/100ft [dB/100m]
18 [59.06]
Frequency 5
Frequency, GHz
3
Attenuation, dB/100ft [dB/100m]
21 [68.9]
Frequency 6
Frequency, GHz
5
Attenuation, dB/100ft [dB/100m]
27 [88.58]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Flexible Version of 141 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket PE-
P141
PE-P141
PE-P141 REV
Flexible Version of 141 Semi-rigid Coax Cable
Double Shielded with Blue FEP Jacket


Similar Part No. - PE-P141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
PE-P141LL PASTERNACK-PE-P141LL Datasheet
101Kb / 1P
PRECISION LOW LOSS,141 EQUIVALENT, 50 OHM FLEXIBLE CABLE
More results

Similar Description - PE-P141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-P047LL PASTERNACK-PE-P047LL Datasheet
261Kb / 3P
Low Loss Flexible Version of 047 Semi-rigid Coax Cable DouBle Shiedlded with Gray FEP Jacket
PE-P086LL PASTERNACK-PE-P086LL Datasheet
251Kb / 3P
Low Loss Flexible Version 086 Semi-rigid Coax Cable Double Shielded with Gray FEP Jacket
PE-P047 PASTERNACK-PE-P047 Datasheet
262Kb / 3P
Flexible Version of 047 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PE-P086 PASTERNACK-PE-P086 Datasheet
258Kb / 4P
Flexible Version of 086 Semi-rigid Coax Cable Double Shielded with Blue FEP Jacket
PE-P086HF PASTERNACK-PE-P086HF Datasheet
629Kb / 4P
Flexible PE-P086HF Coax Cable Double Shielded with Blue FEP Jacket
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
RG142B-U PASTERNACK-RG142B-U Datasheet
277Kb / 3P
Flexible RG142 Coax Cable Double Shielded with Tan FEP Jacket
RG316-DS PASTERNACK-RG316-DS Datasheet
283Kb / 3P
Flexible RG316 Coax Cable Double Shielded with Tan FEP Jacket
RG393-U PASTERNACK-RG393-U Datasheet
395Kb / 3P
Flexible RG393 Coax Cable Double Shielded with Tan FEP Jacket
RG400-U PASTERNACK-RG400-U Datasheet
281Kb / 3P
Flexible RG400 Coax Cable Double Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com