Electronic Components Datasheet Search
  English  ▼

X  

SM5010 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5010
Description  Crystal Oscillator Module ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5010 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010 Datasheet HTML 14Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—12
MEASUREMENT CIRCUITS
Measurement cct 1
2.0VP−P , 10MHz sine wave input signal (3V operation)
3.5VP−P , 10MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
R2 : 263
Ω (5010×N ×, ×K ×/ 3V operation)
245
Ω (5010×N ×, ×K ×/ 5V operation)
1050
Ω (5010×H ×/ 3V operation)
975
Ω (5010×H ×/ 5V operation)
275
Ω (5010CL×/ 3V operation)
250
Ω (5010CL×/ 5V operation)
Measurement cct 2
Measurement cct 3
2.0VP−P , 30MHz sine wave input signal (3V operation)
3.5VP−P , 30MHz sine wave input signal (5V operation)
C1 : 0.001
µF
R1 : 50
Ω
Signal
Generator
VDD
VSS
XT
Q
R1
R2
VOH
0V
Q output
C1
VDD
VSS
Q
IZ, IOL
VOH
VOL
V
A
IZ
INH
Signal
Generator
VDD
VSS
XT
Q
R1
C1
IDD
A
Measurement cct 4
Measurement cct 5
Measurement cct 6
Measurement cct 7
R1 : 50
Ω
VDD
VSS
IPR
A
3.0V or 5.0V
INH
V
VIH
VIL
VDD
IPR
(VIL = 0V)
RUP2 =
IPR
(VIH = 0.7VDD)
VDD VIH
RUP1 =
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XT
A
VDD
VSS
XT
Q
X'tal
XT
INH
IDD
IST
A
Signal
Generator
VSS
XT
Q
R1
VDD
INH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com