Electronic Components Datasheet Search
  English  ▼

X  

2SD1012 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD1012
Description  Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1012 Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1012 Datasheet HTML 1Page - ON Semiconductor 2SD1012 Datasheet HTML 2Page - ON Semiconductor 2SD1012 Datasheet HTML 3Page - ON Semiconductor 2SD1012 Datasheet HTML 4Page - ON Semiconductor 2SD1012 Datasheet HTML 5Page - ON Semiconductor 2SD1012 Datasheet HTML 6Page - ON Semiconductor 2SD1012 Datasheet HTML 7Page - ON Semiconductor 2SD1012 Datasheet HTML 8Page - ON Semiconductor 2SD1012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SD1012
No.0676-2/10
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=15V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1.0
μA
DC Current Gain
hFE1VCE=2V, IC=50mA
160*
960*
hFE2VCE=2V, IC=500mA Pulse
80
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
250
MHz
Common Base Output Capacitance
Cob
VCB=10V, f=1MHz
8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=5mA, IB=0.5mA
10
25
mV
VCE(sat)2
IC=100mA, IB=10mA
30
80
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=10mA
0.8
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
5
V
* : The 2SD1012 is classified by 50mA hFE as follows :
Rank
F
G
H
hFE
160 to 320
280 to 560
480 to 960
Ordering Information
Device
Package
Shipping
memo
2SD1012G-SPA
SPA
500pcs./bag
Pb Free
2SD1012G-SPA-AC
SPA-WA
2,500pcs./box
2SD1012F-SPA
SPA
500pcs./bag
2SD1012F-SPA-AC
SPA-WA
2,500pcs./box



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com