Electronic Components Datasheet Search
  English  ▼

X  

2SD1012 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1012
Description  Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1012 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1012 Datasheet HTML 1Page - ON Semiconductor 2SD1012 Datasheet HTML 2Page - ON Semiconductor 2SD1012 Datasheet HTML 3Page - ON Semiconductor 2SD1012 Datasheet HTML 4Page - ON Semiconductor 2SD1012 Datasheet HTML 5Page - ON Semiconductor 2SD1012 Datasheet HTML 6Page - ON Semiconductor 2SD1012 Datasheet HTML 7Page - ON Semiconductor 2SD1012 Datasheet HTML 8Page - ON Semiconductor 2SD1012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SD1012
No.0676-3/10
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IB -- VBE
fT -- IC
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
VCE(sat) -- IC
A S O
Collector-to-Emitter Voltage, VCE -- V
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
ITR08385
VCE=5V
800
700
600
500
400
300
200
100
0
0
0.1
0.2
0.3
0.4
0.5
IB=0mA
ITR08384
1mA
2mA
4mA
6mA
2
5
5
3
2
5
3
100
10
1000
2
5
3
10000
23
5
1.0
23
5
10
23
5
100
1000
ITR08389
IC / IB=10
10
1.0
10
7
5
5
3
3
2
23
27
35
ITR08388
f=1MHz
2
3
5
2
3
5
7
100
7
1000
10
23
5
1.0
23
5
10
100
23
5
2 3
5
1000
ITR08387
100
10
1.0
2
7
5
3
1000
2
7
5
3
23
5
7
7
10
23
5
100
ITR08386
VCE=10V
VCE=2V
0.1
0.01
5
7
3
1.0
5
7
3
3
2
2
2
1.0
10
57
2
3
25
7
2
3
3
ITR08390
100ms
10ms
DC
operation
ICP=1.5A
IC=0.7A
0
320
280
240
200
160
120
80
40
0
20
40
60
100
120
140
80
ITR09908



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com