Electronic Components Datasheet Search
  English  ▼

X  

DCMOP03 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMOP03
Description  3 Watt Medical DC - DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOP03 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMOP03 Datasheet HTML 1Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 2Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 3Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 4Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev A
DCMOP03 SERIES
3 Watt Medical DC/DC Power Converters
06/21/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: DCMOP03 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
5VDC nominal input models
4.5
5
9
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range
48VDC nominal input models
36
48
75
VDC
5VDC nominal input models
4.5
12VDC nominal input models
9
24VDC nominal input models
18
Start-Up Voltage
48VDC nominal input models
36
VDC
5VDC nominal input models
4
12VDC nominal input models
8
24VDC nominal input models
16
Shutdown Voltage
48VDC nominal input models
33
VDC
5VDC nominal input models
16
12VDC nominal input models
25
24VDC nominal input models
50
Input Surge Voltage (3sec, max.)
48VDC nominal input models
100
VDC
Input Current
No Load
See Table
Input Filter
Pi type
DC/DC ON
Open or 0 ~ 1.2VDC
Remote ON/OFF Control
(Only for “B” type pin connection models)
Referenced to –INPUT pin
DC/DC OFF
2.2 ~ 12 VDC
Input Current of CTRL Pin
Nominal Vin
-0.5
1
mA
Remote OFF Input Current
Nominal Vin
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Single Output Models
-0.2
+0.2
Line Regulation
Low line to high line at full load
Dual Output Models
-0.5
+0.5
%
Single Output Models
-0.2
+0.2
Load Regulation
No load to full load
Dual Output Models
-1.0
+1.0
%
Cross Regulation
Asymmetrical load 25%/100% FL
Dual Output Models
-5.0
+5.0
%
3.3V, 5V, 12V Output Models
-10
+10
Single Output Models
15V, 24V Output Models
-10
+20
%
Voltage Adjustability
(Only for “B” type pin connection models)
Dual Output Models
±5V, ±12V, ±15V Output Models
-10
+10
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Measured with a 10µF/25V X7R MLCC
3.3V, 5V Output Models
30
Measured with a 10µF/25V X7R MLCC
12V, 15V Output Models
40
Ripple & Noise (20MHz BW)
Measured with a 4.7µF/50V X7R MLCC 24V Output Models
50
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
30
Start-Up Time
Constant resistive load
Remote On/Off
30
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
150
%
3.3V Output Models
3.7
5.4
5V Output Models
5.6
7.0
12V Output Models
13.5
19.6
15V Outputs Models
18.3
22.0
Over Voltage Protection
Continuous clamp
24V Output Models
29.1
32.5
VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com