Electronic Components Datasheet Search
  English  ▼

X  

DCMOP03 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMOP03
Description  3 Watt Medical DC - DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMOP03 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMOP03 Datasheet HTML 1Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 2Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 3Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 4Page - Wall Industries,Inc. DCMOP03 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev A
DCMOP03 SERIES
3 Watt Medical DC/DC Power Converters
06/21/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
CHARACTERISTIC CURVES
DCMOP03-48S05A Derating Curve
DCMOP03-48S05A Efficiency vs Input Voltage
DCMOP03-48S05A Efficiency vs Output Load
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
Natural Convection
94
55
60
65
70
75
80
36
40
44
48
52
56
60
64
68
72
75
Input Voltage (VDC)
85
90
95
10
20
30
40
50
60
70
80
90
100
% of Full Load
30
40
50
60
70
80
Vin=36V
Vin=48V
Vin=75V
90
MECHANICAL DRAWINGS
A Type Pin Connection (Suffix “A”)
0.600 (15.24)
0.80 (20.3)
1
11
12
24
23
15
13
BOTTOM VIEW
SIDE VIEW
0.40 (10.2)
0.15 (3.8)
Unit: inches (mm)
Pin size is 0.023 (0.60) Dia
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
11
NO PIN
COMMON
12
-OUTPUT
NO PIN
13
+OUTPUT
-OUTPUT
15
NO PIN
+OUTPUT
23
-INPUT
-INPUT
24
-INPUT
-INPUT
B Type Pin Connection (Suffix “B”)
0.600 (15.24)
0.80 (20.3)
1
2
10
11
23
22
16
14
BOTTOM VIEW
SIDE VIEW
0.40 (10.2)
0.15 (3.8)
Unit: inches (mm)
Pin size is 0.023 (0.60) Dia
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
CTRL (Optional)
CTRL (Optional)
2
-INPUT
-INPUT
10
TRIM (Optional)
TRIM (Optional)
11
**NO PIN / NC
-OUTPUT
14
+OUTPUT
+OUTPUT
16
-OUTPUT
COMMON
22
+INPUT
+INPUT
23
+INPUT
+INPUT
**: For Single Output Models Pin 11 is “NO PIN”
with the Trim pin option (Su x “–T”) and “NC”
without the trim pin option.
1. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com