Electronic Components Datasheet Search
  English  ▼

X  

DTAM165 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTAM165
Description  Up to 165 Watts, Medical AC - DC Desktop Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM165 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTAM165 Datasheet HTML 1Page - Wall Industries,Inc. DTAM165 Datasheet HTML 2Page - Wall Industries,Inc. DTAM165 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
DTAM165 SERIES
Up to 165 Watts, Medical AC/DC Desktop Power Supplies
08/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
TECHNICAL SPECIFICATIONS: DTAM165 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
90VAC
2.5
Input Current (rms)
264VAC
1.0
A
115VAC, cold start, 25°C
65
Inrush Current
115VAC, cold start, 25°C
130
Apeak
No Load Power Consumption
500
mW
115VAC and full load
0.95
Power Factor Correction
230VAV and full load
0.90
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Regulation
See Table
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise
Measured at 20MHz limited bandwidth and with 0.1μF ceramic
and 10μF electrolytic capacitors in parallel across the output
1.0
%
Hold-up Time
115VAC and full load
10
ms
PROTECTION
Over Voltage Protection
Shutdown and latch off, AC recycle
Over Load Protection
Automatic recovery
Automatic recovery
Short Circuit Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency
115/230VAC and average load
87
%
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly 2.5% per °C from +41°C to +60°C
0
+60
°C
Storage Temperature Range
-10
+80
°C
Humidity
Non-condensing
0
90
%
Cooling
Free air convection
MTBF
Full load, 25°C ambient temperature
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.73 lbs (790g)
Dimensions (L x W x H)
6.69 x 3.35 x 1.73 in (170.0 x 85.0 x 44.0 mm)
AC Inlet
IEC-320-C14
Output Connector
Several options available
SAFETY & EMC
Safety Approvals
CSA C22.2 601.1-M90: 3rd edition, NEMKO EN60601-1: 3rd edition, CB IEC60601-1: 3rd edition
EMC Standards
EN60601-1-2, EN55011 Class B, FCC Part 18 Class B, CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com