Electronic Components Datasheet Search
  English  ▼

X  

DTAM165 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTAM165
Description  Up to 165 Watts, Medical AC - DC Desktop Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM165 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTAM165 Datasheet HTML 1Page - Wall Industries,Inc. DTAM165 Datasheet HTML 2Page - Wall Industries,Inc. DTAM165 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
DTAM165 SERIES
Up to 165 Watts, Medical AC/DC Desktop Power Supplies
08/14/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• RoHS Compliant
• PF > 0.9 at 230VAC
• Up to 165 Watts Output Power
• 90~264 VAC Input Voltage Range
• High Efficiency up to 87%
• MTBF > 100,000 Hours
• IEC-320-C14 AC Inlet
• No Load Power Consumption < 500mW
• Single Outputs Ranging from 12VDC to 48VDC
• Over Voltage, Over Load, and Short Circuit Protection
• CSA-C22.2 601.1-M90, NEMKO EN60601-1, & CB IEC60601-1
3rd Edition Medical Approvals
• Fully Meets CEC, ERP, EISA Efficiency Level V Requirements
• 100% Burn-in and Hi-pot Tested
DESCRIPTION
Size:
6.69 x 3.35 x 1.73 inches
170.0 x 85.0 x 44.0 mm
The DTAM165 series of medical AC/DC desktop power supplies provides up to 165 Watts of output
power in a 6.69” x 3.35” x 1.73” package. This series consists of 12V, 15V, 19V, 24V, 28V, 36V, and 48VDC
single output models with a 90-264VAC wide input range and an IEC-320-C14 AC inlet connector. This
series also feature a high efficiency up to 87% and a power factor > 0.9 at 230VAC. These supplies are
also protected against short circuit, over voltage, and over load conditions. The DTAM165 series has CSA-
C22.2 NO.601.1-M90, Nemko EN60601-1, and CB IEC60601-1 3rd edition medical approvals. This series is
also CE marked and meets EN55011 Class B, FCC Part 18 Class B, and EN60601-1-2 EMC standards.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Output Regulation
Output Power
DTAM-160A-1Y12H
12 VDC
13.33A
120mVp-p
±5%
160W
DTAM-160A-1Y15H
15 VDC
10.67A
150mVp-p
±5%
160W
DTAM-160A-1Y19H
19 VDC
8.42A
190mVp-p
±5%
160W
DTAM-165A-1Y24H
24 VDC
6.88A
240mVp-p
±3%
165W
DTAM-165A-1Y28H
28 VDC
5.89A
280mVp-p
±3%
165W
DTAM-165A-1Y36H
36 VDC
4.58A
360mVp-p
±3%
165W
DTAM-165A-1Y48H
90 - 264 VAC
48 VDC
3.44A
480mVp-p
±3%
165W
DERATING CURVE
Convection Cooling:
0 to +60°C derating linearly 2.5% per °C from +41°C to +60°C
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
120
100
80
60
40
20
0


Similar Part No. - DTAM165

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM-200A3-1Y12E WALL-DTAM-200A3-1Y12E Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y16E WALL-DTAM-200A3-1Y16E Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y19E WALL-DTAM-200A3-1Y19E Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y20E WALL-DTAM-200A3-1Y20E Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTAM-200A3-1Y24E WALL-DTAM-200A3-1Y24E Datasheet
85Kb / 2P
Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
More results

Similar Description - DTAM165

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
logo
Power Systems GmbH+Co.K...
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Tumbler Technologies + ...
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
logo
Wall Industries,Inc.
DTEM1024 WALL-DTEM1024 Datasheet
189Kb / 3P
16 - 36 Watts Medical AC - DC Desktop Power Supplies
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
100 - 130 Watts, AC - DC Medical Desktop Power Supplies
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com