Electronic Components Datasheet Search
  English  ▼

X  

DTMPU31 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTMPU31
Description  90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU31 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTMPU31 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
DTMPU31 Series
Class I, Up to 30 Watts
Single, Dual, & Triple Outputs
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: DTMPU31 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
90
264
Operating Voltage Range
Safety Approvals Input Voltage Range
100
240
VAC
Input Frequency
47
63
Hz
Io = Full Load, Vin = 100VAC
0.9
Input Current
Io = Full Load, Vin = 240VAC
0.34
A
Io = Full Load, 25°C, Cold Start, Vin = 115VAC
14
Inrush Current
Io = Full Load, 25°C, Cold Start, Vin = 230VAC
28
A
Single Output Models
0.3
No Load Power Consumption
No load, Vin = 230VAC
Dual & Triple Output Models
3
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Io = Full Load
1
%
Load Regulation
Vin = 230VAC
2
10
%
Output Power
Vin = 90 to 264VAC
See Table
Output Current
See Table
Outputs under 3.3VDC
2
Ripple & Noise (peak to peak)
Full load, Vin = 90VAC
Others
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
12
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
2
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
67.6
85
%
Primary to Secondary
6802
Dielectric Withstanding Voltage
Primary to PE
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Safety Ground Leakage Current
Vin = 240VAC/60Hz
0.1
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
0
40
70
°C
Storage Temperature
-40
85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Operating Altitude
Up to 3000m
MTBF
Operating Temp. at 25°C; calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL SPECIFICATIONS
Weight
approx. 14.1~16.2oz (400~460g)
Dimensions (L x W x H)
4.65 x 2.56 x 1.52 inches
(118.0 x 65.0 x 38.5 mm)
AC Inlet Connector
IEC-320-C14
SAFETY & COMPLIANCE
Safety Approvals
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd ed.), EN 60601-1:2006 (TUV/T-mark 3rd ed.), CE
EMI Requirements
FCC Part-18 Class B and CISPR-11 EN55011 Class B
Compliance
RoHS, UL 94V-1, CEC/Energy Star 2.0, Efficiency Level V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com