Electronic Components Datasheet Search
  English  ▼

X  

DTMPU31 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DTMPU31
Description  90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU31 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DTMPU31 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU31 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A
DTMPU31 Series
Class I, Up to 30 Watts
Single, Dual, & Triple Outputs
Medical AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
DERATING CURVE
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0
MECHANICAL DRAWING
Unit: inches (mm)
LED
4.65±0.04 (118.0±1.0)
0.04±0.02 (1.0±0.5)
AC INLET
IEC-320-C14
NOTES
1. Weight: 14.1~16.2oz (400~460g)
2. AC Inlet: IEC-320-C14
3. Models DTMPU31-101~104 need to use AWG#16/4FT output cable.
Models DTMPU31-105~108 need to use AWG#18/6FT output cable.
Models DTMPU31-109~110 need to use AWG#20/6FT output cable.
The regulation and efficiency will change if a different output cable is used.
4. Optional output connectors available.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com