Electronic Components Datasheet Search
  English  ▼

X  

JAN117K Datasheet(PDF) 7 Page - Microsemi Corporation

Part # JAN117K
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN117K Datasheet(HTML) 7 Page - Microsemi Corporation

  JAN117K Datasheet HTML 1Page - Microsemi Corporation JAN117K Datasheet HTML 2Page - Microsemi Corporation JAN117K Datasheet HTML 3Page - Microsemi Corporation JAN117K Datasheet HTML 4Page - Microsemi Corporation JAN117K Datasheet HTML 5Page - Microsemi Corporation JAN117K Datasheet HTML 6Page - Microsemi Corporation JAN117K Datasheet HTML 7Page - Microsemi Corporation JAN117K Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
APPLICATION INFORMATION (continued)
BYPASS CAPACITORS
Input bypassing using a 1µF tantalum or 25µF electrolytic is
recommended when the input filter capacitors are more than 5
inches from the device.
A 0.1
µF bypass capacitor on the
ADJUST pin is required if the load current varies by more than 1A/
µsec. Improved ripple rejection (80dB) can be accomplished by
adding a 10µF capacitor from the adjust pin to ground. For
improved AC transient response and to prevent the possibility of
oscillation due to unknown reactive load, a 1µF capacitor is also
recommended at the output. Because of their low impedance at
high frequencies, the best type of capacitor to use is solid
tantalum.
FIGURE 22 - 5V REGULATOR WITH SHUT DOWN
FIGURE 23 - 21V PROGRAMMING SUPPLY FOR UV PROM/EEPROM
FIGURE 24 - 2816 EEPROM SUPPLY PROGRAMMER FOR READ/WRITE CONTROL
FIGURE 25 - TEMPERATURE COMPENSATED LEAD ACID BATTERY CHARGER
FIGURE 21 - IMPROVING RIPPLE REJECTION
LOAD REGULATION
Because the SG117A is a three-terminal device, it is not possible
to provide true remote load sensing. Load regulation will be
limited by the resistance of the wire connecting the regulator to
the load. For the data sheet specification, regulation is measured
at the bottom of the package. Negative side sensing is a true
Kelvin connection, with the bottom of the output divider returned
to the negative side of the load. Although it may not be immedi-
ately obvious, best load regulation is obtained when the top of the
divider is connected directly to the case, not to the load. This is
illustrated in Figure 18. If R
1 were connected to the load, the
effective resistance between the regulator and the load would be
Connected as shown, R
P is not multiplied by the divider ratio. RP
is about 0.004
Ω per foot using 16 gauge wire. This translates to
4mV/ft. at 1A load current, so it is important to keep the positive
lead between regulator and load as short as possible.
FIGURE 20 - REMOTE SENSING
(
)
R
P X
,R
P = Parasitic Line Resistance.
R
2 + R1
R
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com