Electronic Components Datasheet Search
  English  ▼

X  

JAN117K Datasheet(PDF) 8 Page - Microsemi Corporation

Part # JAN117K
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN117K Datasheet(HTML) 8 Page - Microsemi Corporation

  JAN117K Datasheet HTML 1Page - Microsemi Corporation JAN117K Datasheet HTML 2Page - Microsemi Corporation JAN117K Datasheet HTML 3Page - Microsemi Corporation JAN117K Datasheet HTML 4Page - Microsemi Corporation JAN117K Datasheet HTML 5Page - Microsemi Corporation JAN117K Datasheet HTML 6Page - Microsemi Corporation JAN117K Datasheet HTML 7Page - Microsemi Corporation JAN117K Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SG117A/SG117 SERIES
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
8
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
Ambient
Temperature Range
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG117AK/883B
-55°C to 125°C
SG117AK/DESC
-55°C to 125°C
SG117AK
-55°C to 125°C
SG217AK
-25°C to 85°C
SG317AK
0°C to 70°C
SG117K/883B
-55°C to 125°C
JAN117K
-55°C to 125°C
SG117K/DESC
-55°C to 125°C
SG117K
-55°C to 125°C
SG217K
-25°C to 85°C
SG317K
0°C to 70°C
2
1
ADJUSTMENT
CASE IS V
OUT
V
IN
3-TERMINAL TO-66
METAL CAN
R-PACKAGE
SG117AR/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117AR
-55°C to 125°C
SG217AR
-25°C to 85°C
SG317AR
0°C to 70°C
SG117R/883B
-55°C to 125°C
SG117AR/DESC
-55°C to 125°C
SG117R
-55°C to 125°C
SG217R
-25°C to 85°C
SG317R
0°C to 70°C
1
2
ADJUSTMENT
CASE IS V
OUT
V
IN
3-PIN TO-39 METAL CAN
T-PACKAGE
SG117AT/883B
-55°C to 125°C
SG117AT/DESC
-55°C to 125°C
SG117AT
-55°C to 125°C
SG217AT
-25°C to 85°C
SG317AT
0°C to 70°C
SG117T/883B
-55°C to 125°C
JAN117T
-55°C to 125°C
SG117T/DESC
-55°C to 125°C
SG117T
-55°C to 125°C
SG217T
-25°C to 85°C
SG317T
0°C to 70°C
V
OUT
ADJUST
3
2
1
V
IN
CASE IS V
OUT
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG117AIG/883B
-55°C to 125°C
SG117AIG/DESC
-55°C to 125°C
SG117AIG
-55°C to 125°C
SG117IG/883B
-55°C to 125°C
SG117IG/DESC
-55°C to 125°C
SG117IG
-55°C to 125°C
V
IN
V
OUT
ADJUST
(TAB IS V
OUT)
FOR G-PACKAGE ONLY
SG117AL/883B
-55
°C to 125°C
SG117AL/DESC
-55°C to 125°C
SG117AL
-55
°C to 125°C
SG117L/883B
-55
°C to 125°C
SG117L/DESC
-55°C to 125°C
SG117L
-55
°C to 125°C
20-PIN CERAMIC (LCC)
LEADLESS CHIP CARRIER
L- PACKAGE
4
5
6
7
8
18
17
16
15
14
9
10 111213
32
120 19
11. N.C.
12. N.C.
13. N.C.
14. N.C.
15. N.C.
16. N.C.
17. N.C.
18. N.C.
19. N.C.
20. V
OUT
(Note 4)
1. V
OUT SENSE
2. N.C.
3. N.C.
4. N.C.
5. V
IN
6. N.C.
7. N.C.
8. N.C.
9. N.C.
10. ADJUST
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. Both inputs and outputs must be externally connected together at the device
terminals.
4. For normal operation the SENSE pin must be externally connected to the load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com