Electronic Components Datasheet Search
  English  ▼

X  

BUT11AF Datasheet(PDF) 1 Page - ON Semiconductor

Part # BUT11AF
Description  High Voltage NPN Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUT11AF Datasheet(HTML) 1 Page - ON Semiconductor

  BUT11AF Datasheet HTML 1Page - ON Semiconductor BUT11AF Datasheet HTML 2Page - ON Semiconductor BUT11AF Datasheet HTML 3Page - ON Semiconductor BUT11AF Datasheet HTML 4Page - ON Semiconductor BUT11AF Datasheet HTML 5Page - ON Semiconductor BUT11AF Datasheet HTML 6Page - ON Semiconductor BUT11AF Datasheet HTML 7Page - ON Semiconductor BUT11AF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FULL PAKt
High Voltage NPN Power Transistor
For Isolated Package Applications
The BUT11AF was designed for use in line operated switching
power supplies in a wide range of end use applications. This device
combines the latest state of the art bipolar fabrication techniques to
provide excellent switching, high voltage capability and low
saturation voltage.
• 1000 Volt V
CES Rating
• Low Base Drive Requirements
• Isolated Overmold Package
• Improved System Efficiency
• No Isolating Washers Required
• Reduced System Cost
• High Isolation Voltage Capability (4500 V
RMS)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Sustaining Voltage
VCEO(sus)
450
Vdc
Collector–Emitter Breakdown Voltage
VCES
1000
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
RMS Isolation Voltage (For 1 sec,
Per Figure 7
VISOL1
4500
TA = 25°C, Rel. Humidity < 30%)
Per Figure 8
VISOL2
3500
V
Per Figure 9
VISOL3
2500
Collector Current — Continuous
Collector Current — Pulsed (1)
IC
ICM
5.0
10
Adc
Base Current — Continuous
Base Current — Pulsed (1)
IB
IBM
2.0
4.0
Adc
Total Power Dissipation @ TC = 25°C*
Derated above 25
°C
PD
40
0.32
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case*
RθJC
3.125
°C/W
Maximum Lead Temperature for soldering purposes
1/8
″ from case for 5 sec.
TL
260
°C
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
≤ 10%.
*Measurement made with thermocouple contacting the bottom insulated mounting surface of the package (in a location beneath the die),
the device mounted on a heatsink, thermal grease applied, and a mounting torque of 6 to 8 in . lbs.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 4
1
Publication Order Number:
BUT11AF/D
BUT11AF
POWER TRANSISTOR
5.0 AMPERES
450 VOLTS
40 WATTS
CASE 221D–02
TO–220 TYPE


Similar Part No. - BUT11AF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
logo
NXP Semiconductors
BUT11AF PHILIPS-BUT11AF Datasheet
116Kb / 8P
Silicon Diffused Power Transistor
August 1997 Rev 1.000
logo
Wing Shing Computer Com...
BUT11AF WINGS-BUT11AF Datasheet
70Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Fairchild Semiconductor
BUT11AF FAIRCHILD-BUT11AF Datasheet
47Kb / 4P
High Voltage Power Switching Applications
logo
Inchange Semiconductor ...
BUT11AF ISC-BUT11AF Datasheet
128Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - BUT11AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
HIGH VOLTAGE NPN POWER TRANSISTOR
logo
STMicroelectronics
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
25-Feb-2005
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com